Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9154 Datasheet HTML 91Page - Analog Devices AD9154 Datasheet HTML 92Page - Analog Devices AD9154 Datasheet HTML 93Page - Analog Devices AD9154 Datasheet HTML 94Page - Analog Devices AD9154 Datasheet HTML 95Page - Analog Devices AD9154 Datasheet HTML 96Page - Analog Devices AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 95 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
ERR_KUNSUPP
Unsupported K Values.
0x0
R
1 K value unsupported.
1
ERR_SUBCLASS
Unsupported SUBCLASSV Value.
0x0
R
1 Unsupported subclass value.
0
ERR_INTSUPP
Unsupported Interpolation Factor.
0x0
R
1 Error with interpolation value.
0x034
SYNC_
ERRWINDOW
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
ERRWINDOW
Sync Error Window. Synchronization rotates the clock
based on a difference in the sample of the current
phase of the internal clocks and the programmed
target based on the SYSREF± sample time. If SYSREF±
cannot be guaranteed to always exist in the same
period of the device clock associated with the target
phase from SYSREF± to SYSREF± (ERRWINDOW = 0),
then the user may choose to apply an error window
to synchronization. The error window allows the
SYSREF± sample phase to vary within the confines of
the window without triggering a clock adjustment.
0x0
R/W
0 Error window tolerance ±1/2.
1 Error window tolerance ±1.
2 Error window tolerance ±2.
3 Error window tolerance ±3.
4 Error window tolerance ±4.
5 Error window tolerance ±5.
6 Error window tolerance ±6.
7 Error window tolerance ±7.
0x038
SYNC_
LASTERR_L
[7:0]
LASTERROR_L
Sync Last Error[7:0]. The value of SYNC_LASTERR_L
and SYNC_LASTERR_H[0] for the readback
SYNC_LASTERR. SYNC_LASTERR is a measure of the
error between the SYSREF sample phase and the
target value that caused the last clock adjustment.
This value is sticky and does not update until a clock
adjustment occurs. Clear this value using the
SYNCCLRLAST bit. The value is in DAC clocks.
0x0
R
0x039
SYNC_
LASTERR_H
7
LASTUNDER
Sync Last Error Under Flag. This bit shows that the
phase error between the SYSREF sample point and
the target is below the error window limit.
0x0
R
1 Current phase error over window tolerance.
6
LASTOVER
Sync Last Error Over Flag. This bit shows that the
phase error between the SYSREF sample point and
the target is above the error window limit.
0x0
R
1 Last phase error under window tolerance.
[5:1]
RESERVED
Reserved.
0x0
R
0
LASTERROR_H
Sync Last Error, Bit 8, and Flags.
0x0
R
0x03A
SYNC_
CONTROL
7
SYNCENABLE
Sync Logic Enable.
0x0
R/W
1 Enable sync logic.
0 Disable sync logic.
6
SYNCARM
Sync Arming Strobe.
0x0
R/W
1 Sync one-shot arming.
5
SYNCCLRSTKY
Sync Sticky Bit Clear.
0x0
R/W
1 Clear sticky status bits REFROTA and REFTRIP.
4
SYNCCLRLAST
Sync Clear LAST.
0x0
R/W
1 Clear the LAST errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com