Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 92 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9154 Datasheet HTML 88Page - Analog Devices AD9154 Datasheet HTML 89Page - Analog Devices AD9154 Datasheet HTML 90Page - Analog Devices AD9154 Datasheet HTML 91Page - Analog Devices AD9154 Datasheet HTML 92Page - Analog Devices AD9154 Datasheet HTML 93Page - Analog Devices AD9154 Datasheet HTML 94Page - Analog Devices AD9154 Datasheet HTML 95Page - Analog Devices AD9154 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 92 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x012
TXENMASK1
7
DACB_MASK
Dual 23 DAC Power-Down Mask for TXEN1.
0x0
R/W
0 Default power-down to control by power-down bit only.
1 If TXEN1 is low, DAC 2 and DAC 3 are powered down;
otherwise state of individual power-downs.
6
DACA_MASK
Dual 01 DAC power-down mask for TXEN0.
0x0
R/W
0 Default power-down to control by power-down bit
only.
1 If TXEN0 is low, DAC 0 and DAC 1 are powered down;
otherwise state of individual power-downs.
[5:0]
RESERVED
Reserved
0x0
R/W
0x013
PWRCNTRL3
7
RESERVED
Reserved.
0x0
R
6
ENA_PA_CTRL_
FROM_PAPROT_
ERR
Control PA enable from PAProt block.
0x0
R/W
5
ENA_PA_CTRL_
FROM_TXENSM
Control PA enable from TXEN state machine.
0x1
R/W
4
ENA_PA_CTRL_
FROM_BLSM
Control PA enable from blanking state machine.
0x0
R/W
3
ENA_PA_CTRL_
FROM_SPI
Control PA enable via SPI.
0x0
R/W
2
SPI_PA_CTRL
PA on/off via SPI.
0x0
R/W
1
ENA_SPI_TXEN
TXENx from SPI control.
0x0
R/W
0
SPI_TXEN
SPI TXENx.
0x0
R/W
1 TXENx SPI is high.
0 TXENx SPI is low.
0x014
COARSE_
GROUP_DLY
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
COARSE_
GROUP_DLY
Coarse Group Delay. The range of the delay is −4 to
+3 DAC clock periods and the resolution is 1/2 DAC
clock period.
0x8
R/W
0 minimum delay.
15 maximum delay.
0x01F
IRQ_ENABLE0
[7:6]
RESERVED
Reserved.
0x0
R/W
5
EN_DACPLLLOST
Enable DAC PLL Lost Detection. The DACPLLLOCK,
when enabled, shows that the DAC (clock
generation) PLL has dropped its lock state.
0x0
R/W
1 Enable DAC PLL lost.
4
EN_DACPLLLOCK
Enable DAC PLL Lock Detection. The DACPLLLOCK,
when enabled, shows that the DAC (clock
generation) PLL has reached a lock state.
0x0
R/W
1 Enable DAC PLL lock.
3
EN_SERPLLLOST
Enable SERDES PLL Lost Detection. The SERPLLLOCK,
when enabled, shows that the SERDES (JESD204B
interface) PLL has dropped its lock state.
0x0
R/W
1 Enable SERDES PLL lost.
2
EN_SERPLLLOCK
Enable SERDES PLL Lock Detection. The SERPLLLOCK,
when enabled, shows that the SERDES (JESD204B
interface) PLL has reached a lock state.
0x0
R/W
1 Enable SERDES PLL lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com