Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9154 Datasheet HTML 55Page - Analog Devices AD9154 Datasheet HTML 56Page - Analog Devices AD9154 Datasheet HTML 57Page - Analog Devices AD9154 Datasheet HTML 58Page - Analog Devices AD9154 Datasheet HTML 59Page - Analog Devices AD9154 Datasheet HTML 60Page - Analog Devices AD9154 Datasheet HTML 61Page - Analog Devices AD9154 Datasheet HTML 62Page - Analog Devices AD9154 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 59 of 124
To run the CGS followed by a repeated ILAS sequence test,
follow the Device Setup Guide section, but before performing
the last write (enabling the links), enable the ILAS test mode by
writing a 1 to Register 0x477, Bit 7. Then, enable the links.
When the device recognizes 4 CGS characters on each lane, it
deasserts the SYNCOUTx± signal. At this point, the transmitter
starts sending a repeated ILAS sequence.
Read Register 0x473 to verify that initial lane synchronization has
passed for all enabled link lanes. Program Register 0x300, Bit 2 = 0
to monitor the status of lanes on Link 0, and Register 0x300, Bit 2 =
1 to monitor the status of lanes on Link 1 for dual link mode.
JESD204B ERROR MONITORING
Disparity, Not in Table, and Unexpected Control
Character Errors
Per Section 7.6 of the JESD204B specification, the AD9154 can
detect disparity errors, not in table errors, and unexpected control
character errors, and can optionally issue a sync request and
reinitialize the link when errors occur.
Note that the disparity error counter counts all characters with
invalid disparity, regardless of whether they are in the 8-bit/10-bit
decoding table. This is a minor deviation from the JESD204B
specification, which only counts disparity errors when they are
in the 8-bit/10-bit decoding table.
Checking Error Counts
The error count can be checked for disparity errors, not in table
errors, and unexpected control character errors. The error counts
are on a per lane and per error type basis. Note that the lane select
and counter select are programmed into Register 0x46B and the
error count is read back from the same address. To check the
error count, complete the following steps:
1. Select the desired link lane and error type of the counter to
view. Write these to Register 0x46B according to Table 58.
To select a link lane, first select a link (Register 0x300, Bit 2
= 0 to select Link 0 or Register 0x300, Bit 2 = 1 to select
Link 1 [dual link only]). Note that, when using Link 1,
Link Lane x refers to Logical Lane x + 4.
2. Read the error count from Register 0x46B. Note the
maximum error count is equal to the error threshold set in
Register 0x47C.
Table 58. Error Counters
Addr.
Bits
Variable
Description
0x46B
[6:4]
LaneSel
LaneSel = x to monitor the error
count of Link Lane x. See the notes
on link lane in Step 1 of the Checking
Error Counts section.
[1:0]
CntrSel
CntrSel = 0b00 for bad running
disparity counter.
CntrSel = 0b01 for not in table error
counter.
CntrSel = 0b10 for unexpected control
character counter.
Check for Error Count Over Threshold
In addition to reading the error count per lane and error type as
described in the Checking Error Counts section, the user can
check a register to see if the error count for a given error type
has reached a programmable threshold.
The same error threshold is used for the three error types:
disparity, not in table, and unexpected control character. The
error counters are on a per error type basis. To use this feature,
complete the following steps:
1. Program the desired error count threshold into
ERRORTHRES (Register 0x47C).
2. Read back the error status for each error type to see if the
error count has reached the error threshold.
Disparity errors are reported in Register 0x46D.
Not in table errors are reported in Register 0x46E.
Unexpected control character errors are reported in
Register 0x46F.
Error Counter and IRQ Control
Write to Register 0x46D and Register 0x46F to reset or disable
the error counts and to reset the IRQ for a given lane. Note that
these are the same registers that report error count over threshold
(see the Check for Error Count Over Threshold section); thus,
the readback is not the value that was written. For each error type,
1. Select the link lane to access. To select a link lane, first
select a link (Register 0x300, Bit 2 = 0 to select Link 0,
Register 0x300, Bit 2 = 1 to select Link 1 [dual link only]).
Note that, when using Link 1, Link Lane x refers to Logical
Lane x + 4.
2. Decide whether to reset the IRQ, disable the error count,
and/or reset the error count for the given lane and error type.
3. Write the link lane and desired reset or disable action to
Register 0x46D to Register 0x46F according to Table 59.
Table 59. Error Counter and IRQ Control: Disparity
(Register 0x46D), Not In Table (Register 0x46E), Unexpected
Control Character (Register 0x46F)
Bits
Variable
Description
7
RstIRQ
RstIRQ = 1 to reset IRQ for the lane
selected in Bits[2:0].
6
Disable_ErrCnt
Disable_ErrCnt = 1 to disable the error
count for the lane selected in Bits[2:0].
5
RstErrCntr
RsteErrCntr = 1 to reset the error
count for the lane selected in Bits[2:0].
[2:0]
LaneAddr
LaneAddr = x to monitor the error
count of Link Lane x. See the notes on
link lane in Step 1 of the Checking
Error Counts section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com