Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9154 Datasheet HTML 96Page - Analog Devices AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices AD9154 Datasheet HTML 103Page - Analog Devices AD9154 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 100 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x087
DACLOOPFILT1 [7:4]
LF_C2_WORD
C2 Control Word.
0x8
R/W
[3:0]
LF_C1_WORD
C1 Control Word.
0x8
R/W
0x088
DACLOOPFILT2 [7:4]
LF_R1_WORD
R1 Control Word.
0x8
R/W
[3:0]
LF_C3_WORD
C3 control Word.
0x8
R/W
0x089
DACLOOPFILT3 7
LF_BYPASS_R3
Bypass R3 Resistor.
0x0
R/W
0 Enable R3 resistor programming start at 0.
1 Disable R3 resistor is LF_R3_WORD = 0.
6
LF_BYPASS_R1
Bypass R1 Resistor.
0x0
R/W
0 Enable R1 resistor programming at 0.
1 Disable R1 if LF_R1_WORD = 0.
5
LF_BYPASS_C2
Bypass C2 Capacitor.
0x0
R/W
0 Enable C2 capacitor programming at 0.
1 Disable C2 capacitor is LF_C2_WORD = 0.
4
LF_BYPASS_C1
Bypass C1 Capacitor.
0x0
R/W
0 Enable C1 capacitor programming at 0.
1 Disable C1 capacitor if LF_C1_WORD = 0.
[3:0]
LF_R3_WORD
R3 Control Word.
0x8
R/W
0x08A
DACCPCNTRL
7
RESERVED
Reserved.
0x0
R
6
VT_FORCE
VT Control Out.
0x0
R/W
0 Control voltage not brought out for test.
1 Control voltage brought out for test.
[5:0]
CP_CURRENT
Charge Pump Current Control.
0x20
R/W
0x08B
DACLOGEN
CNTRL
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
LO_POWER_
MODE
Local Oscillator Generator (Logen) Power Mode.
0x0
R/W
0 Full power—VCO, 8 GHz to 12 GHz.
1 Half power—VCO, 6 GHz to 8 GHz.
3 Off.
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
LODIVMODE
Logen Division.
0x0
R/W
0 Reserved.
1 Divide by 4—VCO to DAC clock.
2 Divide by 8—VCO to DAC clock.
3 Divide by 16—VCO to DAC clock.
0x08C
DAC-
LDOCNTRL1
7
LDO_REF_SEL
Reference Selection Bit.
0x0
R/W
0 Generate reference from BG.
1 Generate reference from supply.
6
LDO_BYPASS_
FILT
Disable LDO Voltage Filter.
0x0
R/W
0 Enable voltage filter to LDO input.
1 Disable voltage filter to LDO input.
[5:3]
RESERVED
Reserved.
0x0
R
[2:0]
REFDIVMODE
Reference Clock Division Ratio.
0x0
R/W
0 1×.
1 2×.
2 4×.
3 8×.
4 16×.
5 32×.
6 16×.
7 32×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com