Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 101 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices AD9154 Datasheet HTML 103Page - Analog Devices AD9154 Datasheet HTML 104Page - Analog Devices AD9154 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 101 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x08D
DAC-
LDOCNTRL2
7
LDO_BYPASS
Bypass LDO Function.
0x0
R/W
0 LDO operates normally.
1 LDO output shorted to VDD.
[6:5]
LDO_INRUSH
LDO Startup Speed Control.
0x1
R/W
[4:2]
LDO_SEL
LDO Voltage and Power Setup.
0x2
R/W
0 1.08 V low power.
1 1.08 V mid power.
2 1.08 V high power.
3 Not used.
4 1.02 V low power.
5 1.02 V mid power.
6 1.02 V high power.
7 Not used.
[1:0]
LDO_VDROP
LDO Passgate Control.
0x3
R/W
0 One passgate used.
1 Two passgates used.
2 Three passgates used.
3 Four passgates used.
0x110
DATA_FORMAT
7
BINARY_FMT
Binary or Twos Complementary Format on DATA Bus.
0x0
R/W
0 Input data is twos compliment.
1 Input data is offset binary.
[6:0]
RESERVED
Reserved.
0x0
R
0x111
DATAPATH_
CTRL
7
INVSINC_ENABLE
1 Enable Inverse Sinc Filter.
0x1
R/W
6
RESERVED
Reserved.
0x0
R
5
DIG_GAIN_
ENABLE
1 Enable Digital Gain.
0x1
R/W
4
PHASE_ADJ_
ENABLE
1 Enable Phase Compensation.
0x0
R/W
[3:2]
MODULATION_
TYPE
Selects Type of Modulation Operation.
0x0
R/W
0 No modulation.
1 Fine modulation (uses FTW).
2 fS/4 modulation.
3 fS/8 modulation.
1
SEL_SIDEBAND
1 Select Upper or Lower Sideband from Modulation
Result.
0x0
R/W
0
I_TO_Q
1 Send I Datapath into Q DAC.
0x0
R/W
0x112
INTERPMODE
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
INTERPMODE
Interpolation Mode.
0x1
R/W
0 1x (bypass).
1 2x mode.
3 4x mode.
4 8x mode.
0x113
NCO_FTW_
UPDATE
[7:2]
RESERVED
Reserved.
0x0
R
1
FTW_UPDATE_
ACK
Frequency Tuning Word Update Acknowledge.
0x0
R
0
FTW_UPDATE_
REQ
Frequency Tuning Word Update Request from SPI.
0x0
R/W
0x114
FTW0
[7:0]
FTW0
NCO Frequency Tuning Word, FTW[7:0].
0x0
R/W
0x115
FTW1
[7:0]
FTW1
NCO Frequency Tuning Word, FTW[15:8].
0x0
R/W
0x116
FTW2
[7:0]
FTW2
NCO Frequency Tuning Word, FTW[23:16].
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com