Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 239 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 239 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 235Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 236Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 238Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 239Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 662 page
background image
Features
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-3
10.1 Introduction
This chapter describes the Serial Communications Interface (SCI) module. The module allows
asynchronous serial communications with peripheral devices and other Digital Signal Controllers
(DSCs).
10.2 Features
•
Full-duplex or single wire operation
•
Standard mark/space Non-Return-to-Zero (NRZ) format
•
Thirteen-bit baud rate selection
•
Programmable 8- or 9-bit data format
•
Separately enabled transmitter and receiver
•
Separate receiver and transmitter CPU interrupt requests
•
Programmable polarity for transmitter and receiver
•
Two receiver wake up methods:
— idle line
— address mark
•
Interrupt-driven operation with seven flags:
— transmitter empty
— transmitter idle
— receiver full
— receiver overrun
— noise error
— framing error
— parity error
•
Receiver framing error detection
•
Hardware parity checking
•
1/16 bit-time noise detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com