Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 662 page
background image
5685X Digital Signal Controller User Manual, Rev. 4
xxviii
Freescale Semiconductor
Manual Conventions
Conventions used in this manual:
•
Bits within registers are always listed from Most Significant Bit (MSB) to Least Significant
Bit (LSB).
•
Bits within a register are formatted AA[n:0] when more than one bit is involved in a
description. For purposes of description, the bits are presented as if they are contiguous
within a register. However, this is not always the case. Refer to the programming model
diagrams or to the programmer’s sheets to see the exact location of bits within a register.
•
When a bit is described as set, its value is set to one. When a bit is described as cleared, its
value is set to zero.
•
Pins or signals asserted low, made active when pulled to ground, have an over-bar above
their name. For example, the SS0 pin is asserted low.
•
Hex values are indicated with a dollar sign ($) preceding the hex value, as follows: $FFFB
is the X memory address for the Interrupt Priority Register (IPR).
•
Code examples follow in a single spaced font.
•
Pins or signals listed in code examples asserted as low have a tilde in front of their names.
In the previous example, line three refers to the SS0 pin, shown as ~SS0.
•
The word reset is used in three different contexts in this manual. The word pin is a generic
term for any pin on the chip. They are described as:
— a reset pin is always written as RESET, in uppercase, using the over bar
— the processor state occurs when the RESET pin is asserted. It is always written as Reset,
with a capitalized first letter
— the word reset refers to the reset function. It is written in lowercase, without italics, used
here only for differentiation. The word may require a capital letter as style dictates, such
as in headings and captions
•
The word assert means a high true (active high) signal is pulled high to VDD, or a low true
(active low) signal is pulled low to ground. The word deassert means a high true signal is
pulled low to ground, or a low true signal is pulled high to VDD.
BFSET
#$0007,X:PCC ; Configure:
line 1
; MISO0, MOSI0, SCK0 for SPI master
line 2
; ~SS0 as PC3 for GPIO
line 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com