Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 662 page
background image
Peripheral Descriptions
5685X Overview, Rev. 4
Freescale Semiconductor
1-29
1.12.2 General Purpose Input/Output Port (GPIO)
•
56853
— 41 shared GPIO, multiplexed with other peripherals
— Each bit may be individually configured as an input or output
— Selectable enable for pull-up resistors
•
56854
— 41 shared GPIO, multiplexed with other peripherals
— Each bit may be individually configured as an input or output
— Selectable enable for pull-up resistors
•
56855
— 18 shared GPIO, multiplexed with other peripherals
— Each bit may be individually configured as an input or output
— Selectable enable for pull-up resistors
•
56857
— 47 GPIO, multiplexed with other peripherals (43 multiplexed and 4 dedicated)
— Each bit may be individually configured as an input or output
— Selectable enable for pull-up resistors
•
56858
— 47 GPIO, multiplexed with other peripherals
— Each bit may be individually configured as an input or output
— Selectable enable for pull-up resistors
1.12.3 Serial Communications Interface (SCI)
Each of the chips in the 56800E family has two Serial Communication Interfaces (SCI0 and
SCI1). SCI features include:
•
Asynchronous operation
•
Baud rate generation
•
IR interface support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com