Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 662 page
background image
56800E Core Description
5685X Digital Signal Controller User Manual, Rev. 4
1-20
Freescale Semiconductor
•
Interrupt control logic
•
A Program Counter (PC)
•
Two special registers for Fast Interrupts:
— Fast Interrupt Return Address Register (FIRA)
— Fast Interrupt Status Register (FISR)
•
Seven user-accessible status and control registers:
— two-level deep Hardware Stack (HWS)
— Loop Address (LA) register
— Loop Address (LA2) register 2
— Loop Count (LC) register
— Loop Count (LC2) register 2
— Status Register (SR)
— Operating Mode Register (OMR)
The Operating Mode Register (OMR) is a programmable register to control the operation of the
56800E core, including the memory-map configuration. The initial operating mode is typically
latched on reset from an external source; it can subsequently be altered under program control.
The Loop Address (LA) and Loop Count (LC) registers work in conjunction with the hardware
stack to support no-overhead hardware looping. The Hardware Stack is an internal
Last-In-First-Out (LIFO) buffer consisting of two, 24-bit words and stores the address of the first
instruction of a hardware DO loop. When executing the DO instruction begins a new Hardware
Loop, the address of the first instruction in the Loop is pushed onto the Hardware Stack. When a
Loop finishes normally or an ENDDO instruction is encountered, the value is popped from the
Hardware Stack. This process allows one Hardware DO Loop to be nested inside another.
1.4.10 Bit Manipulation Unit
The bit-manipulation unit performs bit field operations on data memory words, peripheral
registers, and registers within the 56800E core. It is capable of testing, setting, clearing, or
inverting individual or multiple bits within a 16-bit word. The bit-manipulation unit can also test
bytes for branch-on-bit field instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com