| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc |
|
50 / 662 page ![]() 56800E Core Description 5685X Digital Signal Controller User Manual, Rev. 4 1-18 Freescale Semiconductor This bus structure supports up to three simultaneous 16-bit transfers. Any one of the following can occur in a single clock cycle: • One instruction fetch • One read from data memory • One write to data memory • Two reads from data memory • One instruction fetch and one read from data memory • One instruction fetch and one write to data memory • One instruction fetch and two reads from data memory An instruction fetch will take place on every clock cycle, although it is possible for data memory accesses to be performed without an instruction fetch. Such accesses typically occur when a hardware loop is executed and the repeated instruction is only fetched on the first loop iteration. 1.4.7 Data Arithmetic Logic Unit (Data ALU) The data Arithmetic Logic Unit (ALU) performs all of the arithmetic, logical, and shifting operations on data operands. The data ALU contains the following components: • Three, 16-bit data registers (X0, Y0, and Y1) • Four, 36-bit accumulator registers (A, B, C, and D) • One Multiply-Accumulator (MAC) unit • A single-bit accumulator shifter • One arithmetic and logical multi-bit shifter • One MAC output limiter • One data limiter All in a single instruction cycle, the data ALU can perform multiplication, multiply-accumulation, with positive or negative accumulation, addition, subtraction, shifting, and logical operations. Division and normalization operations are provided by iteration instructions. Signed and unsigned multi-precision arithmetic is also supported. All operations are performed using two’s-complement fractional or integer arithmetic. Data ALU source operands can be 8, 16, 32, or 36 bits in size and can be located in memory, in immediate instruction data, or in the data ALU registers. Arithmetic operations and shifts can have 16-, 32-, or 36-bit results. Logical operations are performed on 16- or 32-bit operands and yield results of the same size. The results of data ALU operations are stored either in one of the data ALU registers or directly in memory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |