| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 662 page ![]() 56800E Core Description 5685X Overview, Rev. 4 Freescale Semiconductor 1-15 Complete architecture includes these components: • 56800E core • On-chip program memory • On-chip data memory • On-chip peripherals • IPBus peripheral interface • External bus interface Some 56800E devices might not implement an external bus interface. Regardless of the implementation, all peripherals communicate with the 56800E core via the IPBus interface. The IPBus interface standard connects the main data address bus XAB1, CDBR, and CDBW unidirectional data buses to the corresponding bus interfaces on the peripheral devices. The program memory buses are not connected to peripherals. 1.4.4 56800E Core Block Diagram The 56800E core is composed of several independent functional units. The program controller, Address Generation Unit (AGU), and data Arithmetic Logic Unit (ALU) contain their own register sets and control logic, allowing them to operate independently and in parallel, which increases throughput. There is also an independent bit-manipulation unit enabling efficient bit-manipulation operations. Each functional unit interfaces with the other units, memory, and the memory-mapped peripherals over the core’s internal address and data buses. A block diagram of the 56800E core architecture is shown in Figure 1-7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |