| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 662 page ![]() Peripheral Descriptions 5685X Overview, Rev. 4 Freescale Semiconductor 1-31 • Counters are preloadable • Counters can share available input pins • Separate prescaler for each counter • Each counter has capture and compare capability 1.12.6 Serial Peripheral Interface (SPI) The Serial Peripheral Interface (SPI) is an independent serial communications subsystem allowing full-duplex, synchronous, serial communication between the signal controller and peripheral devices, including other DSCs. Software can poll SPI status flags or SPI operation can be interrupt driven. This block contains four, 16-bit memory mapped registers for control parameters, status, and data transfer. SPI features include: • Full-duplex operation • Master and slave modes • Double-buffered operation with separate transmit and receive registers • Programmable length transmissions (2 to 16 bits) • Programmable transmit and receive shift order (MSB first or last bit transmitted) • Eight master mode frequencies (maximum = bus frequency/2 1) • Maximum slave mode frequency = bus frequency • Clock ground for reduced Radio Frequency (RF) interference • Serial clock with programmable polarity and phase • Two separately enabled interrupts — SPRF (SPI Receiver Full) — SPTE (SPI Transmitter Empty) • Mode fault error flag interrupt capability • Direct Memory Access (DMA) capability for both the transmitter and receiver • Wired OR mode functionality to enabling connection to multiple SPIs 1. This frequency may be further limited by the GPIO function. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |