| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc |
|
66 / 662 page ![]() Peripheral Descriptions 5685X Digital Signal Controller User Manual, Rev. 4 1-34 Freescale Semiconductor It provides simple, inexpensive, and speed-independent access to the 56800E core for sophisticated debugging and economical system development. The JTAG/EOnCE port provides access to the EOnCE module. The JTAG/EOnCE port retains debug control without sacrificing other accessible on-chip resources through the 5685x devices to its target system. 1.12.12 Six-Channel DMA Controller • The DMA operates independently of the CPU. • The 5685x DMA includes six channels. The DMA can handle the contexts of six independent block transfers. • The DMA Controller has access to 33 percent of the system bus traffic. This one-quarter duty cycle is governed by the 5685x System Bus Controllers. • Each channel has independently programmable peripheral selection. • Each channel’s source and destination address registers has configurable indices. • For each memory fetch and put, the address may remain constant, be post incremented, or post decremented. • Each read or write transfer may be initiated by selected events: specified peripheral requests or direct CPU triggering may launch a new DMA transaction. — Upon completion of a block transfer, each DMA channel may send an interrupt to the CPU. — The DMA includes a circular queue operational mode providing continuous DMA operation with no additional processor intervention. 1.12.13 Peripheral Interrupts/Interrupt Controller The peripherals on the 5685x use the ITCN module to interface to the interrupt signal found on the 56800E core. Each peripheral has its own interrupt vector, often more than one interrupt vector for each peripheral, and can selectively be enabled or disabled via the IPR registers. The Interrupt Controller (ITCN) module design includes these distinctive features: • Programmable priority levels for each IRQ • Two programmable Fast Interrupts • Notification to SIM module to restart clocks out of Wait and Stop modes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |