| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 662 page ![]() Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 3-12 Freescale Semiconductor Table 3-7. Direct Memory Access 0 Register Address Map (DMA0_BASE = $1FFEC0) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_0_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_0_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_0_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_0_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_0_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_0_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_0_SAH Source Address-High Register Read/Write Section 9.6.7 Table 3-8. Direct Memory Access 1 Register Address Map (DMA1_BASE = $1FFEC8) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_1_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_1_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_1_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_1_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_1_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_1_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_1_SAH Source Address-High Register Read/Write Section 9.6.7 Table 3-9. Direct Memory Access 2 Register Address Map (DMA2_BASE = $1FFED0) see Chapter 9 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 DMA_2_TC Transfer Control Register Read/Write Section 9.6.1 Base + $1 DMA_2_CQS Circular Queue Size Register Read/Write Section 9.6.2 Base + $2 DMA_2_TC Transfer Count Register Read/Write Section 9.6.3 Base + $3 DMA_2_DAL Destination Address-Low Register Read/Write Section 9.6.4 Base + $4 DMA_2_DAH Destination Address-High Register Read/Write Section 9.6.5 Base + $5 DMA_2_SAL Source Address-Low Register Read/Write Section 9.6.6 Base + $6 DMA_2_SAH Source Address-High Register Read/Write Section 9.6.7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |