| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 662 page ![]() Peripheral Descriptions 5685X Overview, Rev. 4 Freescale Semiconductor 1-33 • Boot mode control • Memory map control • External I/O configuration SIM features include: • Four system bus clocks with pipeline hold off support at master clock frequency/2 • Three system clocks for non pipelined interfaces at master clock frequency/2 • A peripheral bus (IPBus) clock, both on standard and inverted versions at master clock frequency/4 • An external clock output with disable at master clock frequency/5 • A core stall control used to stall the 56800E core system clock for DMA mastership • Three power modes to control power utilization • Controls to enable/disable the 56800E core Wait and Stop instructions • Software initiated reset • Controls to redirect internal data and/or program RAM accesses to the external memory interface • Software Boot mode Control Register, initialized at any reset except COP reset from external pads via SIM inputs MODEA, B, and C • A hold off output to coordinate system and peripheral buses • Two 16-bit registers reset only by a power-on reset usable for general purpose software control 1.12.11 JTAG/Enhanced OnCE Port The JTAG/Enhanced OnCE port allows insertion of the 5685x devices into a target system while retaining debug control. The JTAG port provides board-level testing capability for scan-based emulation compatible with the IEEE 1149.1a-1993 IEEE Standard Test Access Port and Boundary Scan Architecture specification defined by the JTAG. Five dedicated pins interface to a TAP containing a 16-state controller. The EOnCE module allows the user to interact in a debug environment with the 56800E core and its peripherals nonintrusively. Its capabilities include: • Examining registers, memory, or on-chip peripherals • Setting breakpoints in memory • Stepping or tracing instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |