| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 662 page ![]() Preface, Rev. 4 Freescale Semiconductor xxv Preface About This Manual Features of the 5685X 16-bit Digital Signal Controllers (DSCs) are described in this manual. Details of memory, operating modes, and peripheral modules are documented here. This manual is intended to be used with the 56800E Reference Manual (DSP56800ERM), describing the Central Processing Unit (CPU), programming models, and instruction set details. The DSP56853/+ Technical Data Sheet provides electrical specifications as well as timing, pinout, and packaging descriptions. Audience Information in this manual is intended to assist design and software engineers to integrate a 5685x device into a design and/or while developing application software. Manual Organization This manual is arranged in sections described below: • Chapter 1, 5685X Overview—provides a brief overview, describing the structure of this document, including lists of other documentation necessary to use these chips. • Chapter 2, Pin Descriptions—describes package pins for each device and how the pins are grouped into the various interfaces. • Chapter 3, Memory (MEM)—depicts the on-chip memory, structures, registers, and interfaces. • Chapter 4, System Integration Module (SIM)—documents the system control functions module. • Chapter 5, External Memory Interface (EMI)—defines specifications for the IPBus based External Memory Interface (EMI). The EMI module is used for each of the 56800E Family chips contained in this manual. • Chapter 6, On-Chip Clock Synthesis (OCCS)—elaborates on the internal oscillator, Phase Lock Loop (PLL), and timer distribution chain for the 5685x. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |