| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 268 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 268 Page - Freescale Semiconductor, Inc |
|
268 / 662 page ![]() Interrupts 5685X Digital Signal Controller User Manual, Rev. 4 10-32 Freescale Semiconductor 10.12 Interrupts 10.12.1 Transmitter Empty Interrupt This interrupt is enabled by setting the TEIE bit of the SCICR. When this interrupt is enabled an interrupt is generated when data is transferred from the SCI Data register to the Transmit Shift register. The interrupt service routine should read the SCISR and verify the TDRE bit is set, and then write the next data to be transmitted to the SCIDR, clearing the TDRE bit. 10.12.2 Transmitter Idle Interrupt This interrupt is enabled by setting the TIIE bit of the SCICR. This interrupt indicates the TDRE flag is set and the transmitter is no longer sending data, preamble, or break characters. The interrupt service routine should read the SCISR, verifying the TIDLE bit is set, then initiate a preamble, break, or write a data character to the SCIDR. Any of these actions will clear the TIDLE bit because the transmitter is busy at that time. 10.12.3 Receiver Full Interrupt This interrupt is enabled by setting the RIE bit of the SCICR. This interrupt indicates the receive data is available in the SCIDR. The interrupt service routine should read the SCISR, verifying the RDRF bit is set, then read the data from the SCISR. This will clear the RDRF bit. 10.12.4 Receive Error Interrupt This interrupt is enabled by setting the REIE bit of the SCICR. This interrupt indicates any of the listed errors were detected by the receiver: 1. Noise Flag (NF) set 2. Parity error Flag (PF) set Table 10-12. SCI Interrupt Sources Interrupt Source Flag Local Enable Transmitter TDRE TEIE Transmitter TIDLE TIIE Receiver RDRF RFIE OR Receiver FE REIE PE NF OR Receiver RIDLE RIIE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |