Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 328 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 328 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 324Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 326Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 327Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 328Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 329Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 332Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-28
Freescale Semiconductor
When both TXFIFO and STX are full, any further write will overwrite the content of TXFIFO
and STX.
Note:
Enable ESSI before writing to TXFIFO and STX.
12.8.3 ESSI Transmit Shift Registers (TXSR0, TXSR1, TXSR2)
The TXSR0-2 are 16-bit shift registers containing transmitted data. Data is shifted out to the
Serial Transmit Data (STD, SC0, and SC1) pins by the selected internal/external bit clock when
the associated internal/external frame sync is asserted. The Word Length (WL) control bits in the
ESSI Transmit Control Register (STXCR) determine the number of bits to be shifted out of the
TXSR0-2 registers before it is considered empty and can receive further writing. Please refer to
Section 12.8.11 for more information. This word length can be 8, 10, 12, or 16 bits. The data to
be transmitted occupies the most significant portion of the Shift register. The unused portion of
the register is ignored. Data is always shifted out of this register with the Most Significant Bit
(MSB) first when the TSHFD bit of the SCR2 is cleared, illustrated in Figure 12-15. If this bit is
set, the Least Significant Bit (LSB) is shifted out first, diagramed in Figure 12-16.
Figure 12-15. Transmit Data Path (TSHFD = 0)
STX
16 bits
8 bits
12 bits
10 bits
15
0
8
7
6
5
4
15
0
87
TXSR
STD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com