Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 384Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-15
13.9.2.7 Input Polarity Select (IPS)—Bit 9
When set, this bit inverts the input signal polarity.
13.9.2.8 External Input Signal (INPUT)—Bit 8
This bit reflects the current state of the external input pin selected via the secondary count source
after application of the IPS bit. This is a read-only bit.
13.9.2.9 Input Capture Mode (Capture Mode)—Bits 7–6
These bits specify the operation of the Capture Register as well as the operation of the input edge
flag.
•
00 = Capture function is disabled
•
01 = Load Capture Register on rising edge of input
•
10 = Load Capture Register on falling edge of input
•
11 = Load Capture Register on any edge of input
13.9.2.10 Master Mode (MSTR)—Bit 5
When set, this bit enables the Compare function’s output to be broadcasted to the other
counter/timers in the module. This signal then can be used to reinitialize the other counters and/or
force their OFLAG signal outputs.
13.9.2.11 Enable External OFLAG Force (EEOF)—Bit 4
When set, this bit enables the compare from another counter/timer within the same module to
force the state of this counters’ OFLAG Output signal.
13.9.2.12 Forced OFLAG Value (VAL)—Bit 3
This bit determines the value of the OFLAG Output signal when a software triggered FORCE
command occurs.
13.9.2.13 Force OFLAG Output (FORCE)—Bit 2
This write-only bit forces the current value of the VAL bit to be written to the OFLAG Output.
Always read this bit as 0. The VAL and FORCE bits can be written simultaneously in a single
write operation. Write to the FORCE bit only if the counter is disabled.
•
0 = No action
•
1 = Forces the current value of the VAL bit to be written to OFLAG Output
Note:
Setting this bit while the counter is enabled may yield unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com