Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 440 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 440 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 436Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 437Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 438Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 439Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 662 page
background image
DSC Side Registers
5685X Digital Signal Controller User Manual, Rev. 4
16-14
Freescale Semiconductor
Note:
This bit is always 0 if HRMS = 1 since the HREQ and HACK function is disabled and
Host DMA operations are disabled.
16.8.2.3 Host Flags 0 and 1 (HF0–HF1)—Bits 4–3
The Host Flag 0-1 (HF0 and HF1) bits are used as a general purpose flags for Host-to-DSC
communication. The HF0 and HF1 bits can be set or cleared by the Host. These bits reflect the
status of Host Flags HF0 and HF1 in the Interface Control Register (ICR) on the Host Side.
These two flags are not designated for any specific purpose, but are considered general purpose
flags. They can be used individually or as encoded pairs in a simple Host-to-DSC communication
protocol, implemented in both the DSC and the Host Processor software. The HF0 and HF1 bits
are cleared on hardware reset.
16.8.2.4 Host Command Pending (HCP)—Bit 2
The Host Command Pending (HCP) flag bit reflects the status of the HC bit in the Command
Vector Register (CVR), indicating a Host Command Interrupt is pending. The HCP bit is set
when the HC bit is set, and both bits are cleared by the HI8 hardware when the interrupt request is
serviced by the DSC core. The Host can also clear the HC bit, thereby clearing the HCP bit as
well. The HCP bit is cleared on hardware reset.
16.8.2.5 Host Transmit Data Empty (HTDE)—Bit 1
The Host Transmit Data Empty (HTDE) flag bit indicates the Host Transmit Data (HTX) register
is empty and can be written by the DSC core. The HTDE bit is set when the HTX register is
transferred to the RXH/RXL registers, and cleared when Host Transfer Date (HTX) is written by
the DSC core. When the HTDE bit is set, the HI8 generates a Transmit Data Full DMA request.
HTDE can also be set by the Host Processor using the initialize function. The HTDE bit is set on
hardware reset.
16.8.2.6 Host Receive Data Full (HRDF)—Bit 0
The Host Receive Data Full (HRDF) flag bit indicates the Host Receive Data (HRX) register
contains data from the Host Processor. The HRDF bit is set when data is transferred from the
TXH/TXL registers to the Host Receive Data (HRX) register. The HRDF bit is cleared when the
HRX register is read by the DSC core. When the HRDF bit is set, the HI8 generates a receive
data full DMA request. The HRDF bit can also be cleared by the Host Processor using the
initialize function. The HRDF bit is cleared on hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com