Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 597 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 597 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 593Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 594Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 595Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 596Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 597Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 598Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 599Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 600Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 601Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-95
Freescale Semiconductor
Preliminary
1 of 10
TOD Control Status (TODCS)
TOD
TOD Control
Status Register
(TODCS)
$1FFFC0 + $0
Bits
15
14
13 12 11 10 9 8
7
6
5
4
3
2
1
0
Read
TOD SIO TOD AL
TEST
TOD DA TOD HA TOD MA TOD SA TOD SEN TOD AEN
TOD_
LOCK
TOD EN
Write
Reset
0
0
00 00 0 0
0
0
0
0
0
0
0
0
Bits
Name
Description
15
TODSIO
Time-of-Day 1-Second Interrupt Occurred Flag
This bit is set when one-second interrupt occurs. This bit is cleared by writing a 0 to the bit
position. It must be cleared before exiting the Interrupt Service Routine (ISR).
14
TODAL
Time-of-Day Alarm Interrupt Occurred Flag
This bit is set when TOD Alarm Interrupt occurs. This bit is cleared by writing a zero to the bit
position. This bit must be cleared before exiting the Interrupt Service Routine.
9 - 8
TEST
TEST Bit Field
This bit field is reserved as factory test bits and must be written as 0.
7
TODDA
Time-of-Day Days Alarm Enable
0
Alarm interrupt ignores days counter
1
Alarm interrupt requires match of days alarm register to days counter
6
TODHA
Time-of-Day Hours Alarm Enable
0
Alarm interrupt ignores hours counter
1
Alarm interrupt requires match of hours alarm register to hours counter
5
TODMA
Time-of-Day Minutes Alarm Enable
0
Alarm interrupt ignores minutes counter
1
Alarm interrupt requires match of minutes alarm register to minutes counter
4
TODSA
Time-of-Day Seconds Alarm Enable
0
Alarm interrupt ignores seconds counter
1
Alarm interrupt requires match of seconds alarm register to seconds counter
3
TODSEN
Time-of-Day Seconds Interrupt Enable
0
Disables TOD seconds interrupt
1
Enables TOD seconds interrupt
2
TODAEN
Time-of-Day Alarm Interrupt Enable
0
Disables TOD alarm interrupt
1
Enables TOD alarm interrupt
1
TOD_LOCK
Time-of-Day Lock
0
TOD registers not locked
1
TOD registers locked
0
TODEN
Time-of-Day Enable
Writing 0 to TODEN disables the time-of-day counting; the time registers will contain the final
value of the time counters and the registers can receive writing.
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com