| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc |
|
106 / 662 page ![]() Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 3-18 Freescale Semiconductor Table 3-25. General Purpose Input/Output F Register Map (GPIOF_BASE = $1FFE74) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_F_PER Peripheral Enable Register Read/Write Section 15.8.6 Base + $1 GPIO_F_DDR Data DirectionRegister Read/Write Section 15.8.14 Base + $2 GPIO_F_DR Data Register Read/Write Section 15.8.22 Base + $3 GPIO_F_PUR Peripheral Enable Register Read/Write Section 15.8.30 Table 3-26. General Purpose Input/Output G Register Map (GPIOG_BASE = $1FFE78) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_G_PER Peripheral Enable Register Read/Write Section 15.8.7 Base + $1 GPIO_G_DDR Data DirectionRegister Read/Write Section 15.8.15 Base + $2 GPIO_G_DR Data Register Read/Write Section 15.8.23 Base + $3 GPIO_G_PUR Peripheral Enable Register Read/Write Section 15.8.31 Table 3-27. General Purpose Input/Output H Register Map (GPIOH_BASE = $1FFE7C) see Chapter 15 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_H_PER Peripheral Enable Register Read/Write Section 15.8.8 Base + $1 GPIO_H_DDR Data DirectionRegister Read/Write Section 15.8.16 Base + $2 GPIO_H_DR Data Register Read/Write Section 15.8.24 Base + $3 GPIO_H_PUR Peripheral Enable Register Read/Write Section 15.8.32 Table 3-28. Host Interface 8 Registers (HI8_BASE =$1FFFD8) see Chapter 16 Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 HCR Control Register Read/Write Section 16.8.1 Base + $1 HSR Status Register Read/Write Section 16.8.2 Base + $2 HRX Receive Data Register Write-only Section 16.8.3 HTX Transmit Data Register Read-only Section 16.8.4 Note: HI8 Registers are not available on the 56855 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |