| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc |
|
138 / 662 page ![]() Register Descriptions (EMI_BASE = $1FFE40) 5685X Digital Signal Controller User Manual, Rev. 4 5-12 Freescale Semiconductor Figure 5-6. Data Bus Contention Timing Requiring MDAR Field Assertion 5.6.4 Bus Control Register (BCR) The BCR register defines the default read timing for external memory accesses to addresses not covered by the CS/CSOR/CSTC registers. The timing specified by the BCR register applies to both program and data space accesses because the PS and DS control signals are not directly available on the chip pinouts. Note: Any of the CSn signals can be configured to mirror the PS and/or DS function, but then the associated CSn configuration registers control the timing. Figure 5-7. Bus Control Register (BCR) See Programmer’s Sheets on Appendix page C- 12 5.6.4.1 Drive (DRV)—Bit 15 The Drive (DRV) control bit is used to specify what occurs on the external memory port pins when no external access is performed (whether the pins remain driven or are placed in tri-state). Table 5-6 summarizes the action of the EMI when the DRV bit is cleared or is set. DRV bit is cleared on hardware reset, but should be set in most customer applications. Base + $18 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read DRV BMDAR 0 0 BWWS BRWS Write Reset 00 00 00 10 111 10 11 1 tHZOE tACE tCS_RAM tCS_RAM tOHZ tCE tCS _FLASH tCS_FLASH FLASH READ Bus CONTENTION INT_SEMI_CLK FLASH CS1 FLASH_DATA RAM CS2 RAM_DATA Bus Contention with two devices driving data at the same time. RAM READ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |