Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 662 page
background image
OSC (Oscillator) Circuit Detail
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-7
6.2.3 Using an External Active Clock Source Above 4 MHz
When using an external active clock source of a higher frequency than 4MHz (up to 240MHz is
allowable) the settings detailed below should be used.
Figure 6-5. Using an External Active High Frequency Clock, > 4 MHz
Since the differential amplifier is band limited to just over 4MHz, in this example the default
TIME_CLK path’s divide by 128 counter will no longer have an adequate signal for proper
operation. Instead, the user programmable divide by circuit should be used. This requires correct
setting of both the CGMCR[TOD] and [TOD_SEL] register fields as shown in the figure.
In this particular example, the externally applied clock, and hence Fref, are running at 30 MHz.
This requires TOD_SEL be set to 1 and the TOD register set to 480. The input frequency of
30MHz divided down by 480 and then again by a fixed value of 2 yields the desired 31.25KHz
TIME_CLK frequency.
Note:
With the CGMCR register’s TOD_SEL field set to 1, EXTAL can be tied to ground (as
shown), to mid-rail, or high. The optimal connection of EXTAL is to ground.
6.2.4 STOP Mode Features
In an attempt to conserve power, applications may power the device down by executing STOP or
WAIT instructions. The DSP5685x OCCS module supports three variants of STOP mode
processing.
1. Case where CGMCR[TOD_SEL] = 0
A STOP instruction will result in the MSTR_CLK clock source being forced back to Fref
and the PLL being powered down (PLL_SHUTDOWN asserts. If CGMCR[TOD_SEL] is
0, then OSC_LOWPWR will assert, bringing the OSC module into its lowest power alive
state. Only the inverter, differential amplifier and the fixed divide-by 128 block remain
EXTAL
CGMCR[TOD_SEL] = 1
Note (1)
Fref
(30 MHz)
TIME_CLK (31.25 KHz)
XTAL
128
.
.
2
.
.
(1)
OSC_LOPWR
Notes (1)
Ftime
(invalid signal)
BOLD represents default states and typical
conditions.
1) See STOP Mode Features for further details
.
.
CGMCR[TOD] = 480
High Frequency Digital Clock
(30 MHz)
The amplifier’s bandwidth is limited to 4 MHz, so its
output is invalid in a High Frequency input scenario.
CGMCR[TOD] must be set to 1 and the CGMCR[TOD]
divider must be set to a reasonable value in order to
enable a valid TIME_CLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com