Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 25Page - Semtech Corporation GS3470 Datasheet HTML 26Page - Semtech Corporation GS3470 Datasheet HTML 27Page - Semtech Corporation GS3470 Datasheet HTML 28Page - Semtech Corporation GS3470 Datasheet HTML 29Page - Semtech Corporation GS3470 Datasheet HTML 30Page - Semtech Corporation GS3470 Datasheet HTML 31Page - Semtech Corporation GS3470 Datasheet HTML 32Page - Semtech Corporation GS3470 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
29 of 169
Semtech
www.semtech.com
4.9.3 Parallel Output in DVB-ASI Mode
The DVB-ASI mode of the GS3470 is enabled when the SMPTE_BYPASS bit is LOW and
the DVB_ASI bit is HIGH.
The extracted 8-bit data is presented on DOUT[17:10] such that DOUT[17:10] = HOUT ~
AOUT, where AOUT is the least significant bit of the decoded transport stream data.
In addition, the DOUT19 and DOUT18 pins are configured as DVB-ASI status signals
WORDERR and SYNCOUT respectively.
SYNCOUT is HIGH whenever a K28.5 sync character is output from the device.
WORDERR is HIGH whenever the device has detected a running disparity error or illegal
code word.
DOUT[9:0] is forced LOW, when the GS3470 is operating in DVB-ASI mode.
The clock is either at the 10-bit word rate or at half of this rate (DDR mode).
4.9.4 Parallel Output in Data-Through Mode
This mode is enabled when the SMPTE_BYPASS and DVB_ASI bits are LOW.
In this mode, data is passed to the output bus without any decoding, descrambling, or
word-alignment.
GSPI can be used to set the output data width to either 10-bit or 20-bit, adjust the drive
strength of the outputs and enable DDR mode.
The output data width (10-bit or 20-bit) can also be controlled through the 20BIT_10BIT
pin.
4.9.5 Parallel Output Data Format Clock/PCLK Settings
The PCLK output frequency of the GS3470 is determined by the output data format.
Table 4-5 lists the output signal formats according to the external selection pins for the
GS3470.
Table 4-5: GS3470 Output Data Formats
Pin/CSR Bit Settings
Output Data
Format
PCLK Rate
20BIT/
10BIT
SD/HD
3G/HD
SMPTE_
BYPASS
DVB-ASI
SD_HD_
DDR_SEL
HIGH
LOW
HIGH
HIGH
LOW
LOW
20-bit 3G format
148.5 or
148.5/1.001MHz
HIGH
LOW
HIGH
LOW
LOW
LOW
20-bit data output
148.5 or
148.5/1.001MHz
HIGH
LOW
LOW
HIGH
LOW
LOW
20-bit
HD format
74.25 or
74.25/1.001MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com