Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 69Page - Semtech Corporation GS3470 Datasheet HTML 70Page - Semtech Corporation GS3470 Datasheet HTML 71Page - Semtech Corporation GS3470 Datasheet HTML 72Page - Semtech Corporation GS3470 Datasheet HTML 73Page - Semtech Corporation GS3470 Datasheet HTML 74Page - Semtech Corporation GS3470 Datasheet HTML 75Page - Semtech Corporation GS3470 Datasheet HTML 76Page - Semtech Corporation GS3470 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
73 of 169
Semtech
www.semtech.com
4.19.1 Serial Audio Data I/O Signals
The Serial Audio Data I/O pins are listed in Table 4-15: Serial Audio Pin Descriptions.
The timing of the serial audio out signals, the WCLK output signal and the ACLK output
is shown in Figure 4-45: ACLK to Data Signal Output Timing.
When AUDIO_EN/DIS pin is set HIGH, audio extraction is enabled and the audio output
signals are extracted from the video data stream. When set LOW, the serial audio
outputs, ACLK, and WCLK outputs are set LOW.
In addition, all functional logic associated with audio extraction is disabled to reduce
power consumption.
Table 4-15: Serial Audio Pin Descriptions
Pin Name
Description
AUDIO_EN/DIS
Enable Input for Audio Processing
AOUT_1_2
Serial Audio Output; Channels 1 and 2
AOUT_3_4
Serial Audio Output; Channels 3 and 4
AOUT_5_6
Serial Audio Output; Channels 5 and 6
AOUT_7_8
Serial Audio Output; Channels 7 and 8
ACLK
64fs Audio Bit Clock
WCLK
Word Clock
AMCLK
Audio Master Clock, selectable 128fs, 256fs, or 512fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com