| Electronic Components Datasheet Search |
|
GS3470 Datasheet(PDF) 22 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3470 Datasheet(HTML) 22 Page - Semtech Corporation |
|
22 / 169 page ![]() GS3470 Final Data Sheet Rev.8 PDS-060500 September 2017 22 of 169 Semtech www.semtech.com 4.2 Device Power-Up The GS3470 is designed to operate in a multi-voltage environment which allows any power-up sequence to be used. Supply pins can all be powered up in any order. 4.2.1 Power-Down Mode The PWR_DWN pin reduces power to a minimum by disabling various device features. When the PWR_DWN pin is de-asserted, the device returns to its previous operating condition within 1 second, without requiring input from the host interface. There are several power-down options which can be configured through GSPI prior to the device going into power-down. Table 4-1 provides a summary of the supported power-down options by accessing the POWER_DOWN register. Table 4-1: Power-down Mode Power-down Mode CSR Access DDO Loop-through Mode PCLK Mode Power-down PD_PCLK_ENABLE = 0 SERIAL_LOOPBACK_EN = 0 PD_CSR_ACCESS = 0 RC_BYP = X No DDO Disabled PCLK Disabled Power-down with CSR Access PD_PCLK_ENABLE = 0 SERIAL_LOOPBACK_EN = 0 PD_CSR_ACCESS = 1 RC_BYP = X Yes DDO Disabled PCLK Disabled Power-down with PCLK PD_PCLK_ENABLE = 1 SERIAL_LOOPBACK_EN = 0 PD_CSR_ACCESS = X RC_BYP = X Yes DDO Disabled PCLK Enabled Power-down with DDO PD_PCLK_ENABLE = 0 SERIAL_LOOPBACK_EN = 1 PD_CSR_ACCESS = X RC_BYP = 1 No DDO Enabled Non-retimed PCLK Disabled Power-down with DDO retimed PD_PCLK_ENABLE = 0 SERIAL_LOOPBACK_EN = 1 PD_CSR_ACCESS = X RC_BYP = 0 Yes DDO Enabled Retimed PCLK Disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |