| Electronic Components Datasheet Search |
|
GS3470 Datasheet(PDF) 64 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3470 Datasheet(HTML) 64 Page - Semtech Corporation |
|
64 / 169 page ![]() GS3470 Final Data Sheet Rev.8 PDS-060500 September 2017 64 of 169 Semtech www.semtech.com 4.18.2 ANC Processing The GS3470 can correct errors by inserting corrected code words, checksums, and CRC values into the data stream. The following processing can be performed by the GS3470: 1. TRS insertion 2. HD line based CRC insertion 3. EDH CRC insertion 4. HD line number insertion 5. Illegal code re-mapping 6. Ancillary data checksum insertion 7. Audio extraction 8. Ancillary data extraction 9. PID regeneration All of the above features are only available in SMPTE mode (SMPTE_BYPASS = HIGH). To enable these features, the IOPROC_EN bit must be set HIGH, and the individual feature must be enabled via bits in the IOPROC_1 and/or IOPROC_2 (depending on the data stream) register(s). The IOPROC_1 and IOPROC_2 registers contains one bit for each processing feature allowing each one to be enabled/disabled individually. By default (at power-up or after device reset), all of the IOPROC_1 and IOPROC_2 register bits described in Table 4-14 below are set to zero (0), which enables all of the processing features. To disable an individual processing feature, set the corresponding bit to one (1) in the IOPROC_1 and/or IOPROC_2 register(s). Table 4-14: IOPROC_1 and IOPROC_2 Register Bits Processing Feature IOPROC_1 Register Bit IOPROC_2 Register Bit TRS insertion TRS_INS_DS1_MASK TRS_INS_DS2_MASK Y and C line based CRC insertion CRC_INS_DS1_MASK CRC_INS_DS2_MASK Y and C line number insertion LNUM_INS_DS1_MASK LNUM_INS_DS2_MASK Ancillary data check sum insertion ANC_CHECKSUM_INSERTION_DS1_MASK ANC_CHECKSUM_INSERTION_DS2_MASK EDH CRC insertion EDH_CRC_INS_MASK N/A Illegal code re-mapping ILLEGAL_WORD_REMAP_DS1_MASK ILLEGAL_WORD_REMAP_DS2_MASK H timing signal configuration H_CONFIG N/A Update EDH Flags EDH_FLAG_UPDATE_MASK N/A Audio Data Extraction AUD_EXT_MASK AUDIO_SEL_DS2_DS1 Ancillary Data Extraction ANC_DATA_EXT_MASK ANC_EXT_SEL_DS2_DS1, ANC_EXT_SEL_DS1_Y_DS2_Y Regeneration of ST 352 packets N/A REGEN_352M_MASK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |