Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 89 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 89 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 85Page - Semtech Corporation GS3470 Datasheet HTML 86Page - Semtech Corporation GS3470 Datasheet HTML 87Page - Semtech Corporation GS3470 Datasheet HTML 88Page - Semtech Corporation GS3470 Datasheet HTML 89Page - Semtech Corporation GS3470 Datasheet HTML 90Page - Semtech Corporation GS3470 Datasheet HTML 91Page - Semtech Corporation GS3470 Datasheet HTML 92Page - Semtech Corporation GS3470 Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
89 of 169
Semtech
www.semtech.com
Figure 4-51: GSPI_BUS_THROUGH_ENABLE Operation
4.20.4 SCLK Pin
The SCLK pin is the GSPI serial data shift clock input to the device, and must be provided
by the host processor.
Serial data is clocked into the GS3470 SDIN pin on the rising edge of SCLK. Serial data is
clocked out of the device from the SDOUT pin on the falling edge of SCLK (read
operation). SCLK is ignored when CS is HIGH.
4.20.5 Command Word Description
All GSPI accesses are a minimum of 32 bits in length (a 16-bit Command Word followed
by a 16-bit Data Word) and the start of each access is indicated by the high-to-low
transition of the chip select (CS) pin of the GS3470.
The format of the Command Word and Data Words are shown in Figure 4-52.
Data received immediately following this high-to-low transition will be interpreted as a
new Command Word.
4.20.5.1 R/W bit - B15 Command Word
This bit indicates a read or write operation.
When R/W is set to 1, a read operation is indicated, and data is read from the register
specified by the ADDRESS field of the Command Word.
When R/W is set to 0, a write operation is indicated, and data is written to the register
specified by the ADDRESS field of the Command Word.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
BUS_THROUGH
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com