| Electronic Components Datasheet Search |
|
GS3470 Datasheet(PDF) 68 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3470 Datasheet(HTML) 68 Page - Semtech Corporation |
|
68 / 169 page ![]() GS3470 Final Data Sheet Rev.8 PDS-060500 September 2017 68 of 169 Semtech www.semtech.com Additionally, the lines from which the packets are to be extracted can be programmed into the ANC_LINEA and ANC_LINEB registers, allowing ancillary data from a maximum of two lines per frame to be extracted. If only one line number register is programmed (with the other set to zero), ancillary data packets are extracted from one line per frame only. When both registers are set to zero, the device extracts packets from all lines. To start Ancillary Data Extraction, the ANC_DATA_EXT_MASK bit of the host interface must be set LOW. Ancillary data packet extraction begins in the following frame (see Figure 4-36: Ancillary Data Extraction - Step A). Figure 4-36: Ancillary Data Extraction - Step A Ancillary data is written into Bank A until full. The Y/1ANC and C/2ANC output flags can be used to determine the length of the ancillary data extracted and when to begin reading the extracted data from memory. While the ANC_DATA_EXT_MASK bit is set LOW, the ANC_DATA_SWITCH bit can be set HIGH during or after reading the extracted data. New data is then written into Bank B (up to 1024 x 16-bit words), at the corresponding host interface addresses (see Figure 4-37: Ancillary Data Extraction - Step B). ANCDATA ANCDATA ANCDATA ANCDATA ANCDATA ANCDATA ANCDATA 0 1023 ApplicationLayer ReadPointer Internal Write Pointer BankA ANC_DATA_SWITCH=LOW 0 1023 BankB C00 C00 FFF FFF h h h h |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |