Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 56 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 56 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 52Page - Semtech Corporation GS3470 Datasheet HTML 53Page - Semtech Corporation GS3470 Datasheet HTML 54Page - Semtech Corporation GS3470 Datasheet HTML 55Page - Semtech Corporation GS3470 Datasheet HTML 56Page - Semtech Corporation GS3470 Datasheet HTML 57Page - Semtech Corporation GS3470 Datasheet HTML 58Page - Semtech Corporation GS3470 Datasheet HTML 59Page - Semtech Corporation GS3470 Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
56 of 169
Semtech
www.semtech.com
4.16 Video Signal Error Detection & Indication
The GS3470 includes a number of video signal error detection functions. These are
provided when operating in SMPTE mode (SMPTE_BYPASS = HIGH).
Signal errors that can be detected include:
1. TRS errors
2. HD line based CRC errors
3. EDH errors
4. HD line number errors
5. Device lock error
6. Ancillary data checksum errorsl
The GS3470 has two different registers for each set of error flags, ERROR_STAT_[2:1]
and ERROR_STAT_[2:1]_STICKY. ERROR_STAT_[2:1] registers are cleared on write,
when not locked, on a change of video standard, and once per frame.
ERROR_STAT_[2:1]_STICKY registers are read only and only cleared on read and reset.
ERROR_MASK_[3:1] are also provided, allowing the user to select which error
conditions are reported. Each bit of the ERROR_MASK register corresponds to a unique
error type. Please refer to Table 4-12 for a description of the ERROR_MASK register bits.
Separate interrupt enable (INT_ENABLE) registers for SD and HD audio cores are also
provided, allowing select error conditions to be reported. Each bit of each
ERROR_MASK register corresponds to a unique error type.
By default (at power-up or after system reset), all bits of the ERROR_MASK registers are
zero, enabling all errors to be reported. Individual error detection may be disabled by
setting the corresponding bit HIGH in the mask registers.
Error conditions are indicated by a VIDEO_ERROR signal and an AUDIO_ERROR signal,
which are available for output on the multifunction I/O output pins. The two signals are
also combined into a summary DATA_ERROR signal, which is also available on the
multifunction I/O pins. These signals are normally HIGH, but are set LOW by the device
when an error condition has been detected.
These signals are a logical 'NOR' of the appropriate error status flags stored in the
ERROR_STAT_[2:1] register, which are gated by the bit settings in the
ERROR_MASK_[3:1] registers. When an error status bit is HIGH and the corresponding
error mask bit is LOW, the corresponding DATA_ERROR signal is set LOW by the device.
All bits of the error status register, including the LOCK_ERR bit, is set LOW during
system reset.
Table 4-12 shows the ERROR_STAT_[2:1] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com