Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3470 Datasheet HTML 1Page - Semtech Corporation GS3470 Datasheet HTML 2Page - Semtech Corporation GS3470 Datasheet HTML 3Page - Semtech Corporation GS3470 Datasheet HTML 4Page - Semtech Corporation GS3470 Datasheet HTML 5Page - Semtech Corporation GS3470 Datasheet HTML 6Page - Semtech Corporation GS3470 Datasheet HTML 7Page - Semtech Corporation GS3470 Datasheet HTML 8Page - Semtech Corporation GS3470 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 169 page
background image
1 of 169
Semtech
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
GS3470
3G, HD, SD SDI Receiver
www.semtech.com
Key Features
•
Operation at 2.970Gb/s, 2.970/1.001Gb/s, 1.485Gb/s,
1.485/1.001Gb/s, and 270Mb/s
•
Supports SMPTE ST 425 (Level A and Level B), SMPTE
ST 424, SMPTE 292, SMPTE ST 259-C, and DVB-ASI
•
2K and Multi-link UHD support
•
Configurable Power-down modes
•
Integrated Retimer
•
Serial digital reclocked or non-reclocked loop-through
output
•
Integrated audio de-embedder for 8 channels of 48kHz
audio and audio clock generation
•
Ancillary data extraction
•
Parallel data bus selectable as either 20-bit or 10-bit,
SDR or DDR rate
•
Comprehensive error detection and correction
features
•
Dual serial digital input buffer with 2x2 MUX
•
Serial Loopback independently configurable to select
either input
Performance optimized for 270Mb/s, 1.485Gb/s,
and 2.97Gb/s.
•
Dual/Quad Link 3G-SDI support with multiple GS3470
devices
•
Output H, V, F, or CEA 861 timing signals
•
GSPI host interface
•
+1.2V digital core power supply, +1.2V and +1.8V
analog power supplies, and selectable +1.8V or +2.5V
I/O power supply
•
-20ºC to +85ºC operating temperature range
•
Low power operation — typically 220mW
•
Small 9mm x 9mm 100-ball BGA package
(0.80mm Ball Pitch)
•
Pb-free, Halogen-free, and RoHS/ WEEE-compliant
package
Applications
SDI Interfaces for:
•
Monitors
•
DVRs
•
Video Switchers
•
Editing Systems
•
Cameras
•
Medical Imaging
•
Aviation, Military, and Vehicular video systems
LED Wall and Digital Signage
Applications
AUDIO 1/2
AUDIO 3/4
AUDIO 5/6
AUDIO 7/8
Audio Clocks
DAC
HVF/PCLK
10 - bit
HVF/PCLK
HVF/PCLK
HVF/PCLK
CTRL/TIMECODE
CTRL/TIMECODE
CTRL/TIMECODE
CTRL/TIMECODE
Semtech
Equalizer
Semtech
Equalizer
Semtech
Equalizer
Semtech
Equalizer
GS3470
GS3470
GS3470
GS3470
Audio
Selector
Video
Processor
4K Display
DAC
Speakers
AES - OUT
3G-SDI
3G-SDI
3G-SDI
3G-SDI
Application: 2160p50/60 (4K) Monitor
10 - bit
10 - bit
10 - bit
Link 1
Link 2
Link 3
Link 4
Application: Multi-format Video and Audio Processor
Storage :
Tape /HDD/Solid State
Audio
Processor
Video
Processor
20 -bit
HV F /P CLK
Audio Outputs
Video Output
Audio Clocks
AUDIO 1/2
AUDIO 3/4
AUDIO 5/6
AUDIO 7/8
SD/HD/3G-SDI
GS3470
Semtech
Equalizer


Similar Part No. - GS3470

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS347 MALLORY-GS347 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471-IBE3 SEMTECH-GS3471-IBE3 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471-IBE3Z SEMTECH-GS3471-IBE3Z Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results

Similar Description - GS3470

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com