Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 98 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 94Page - Semtech Corporation GS3470 Datasheet HTML 95Page - Semtech Corporation GS3470 Datasheet HTML 96Page - Semtech Corporation GS3470 Datasheet HTML 97Page - Semtech Corporation GS3470 Datasheet HTML 98Page - Semtech Corporation GS3470 Datasheet HTML 99Page - Semtech Corporation GS3470 Datasheet HTML 100Page - Semtech Corporation GS3470 Datasheet HTML 101Page - Semtech Corporation GS3470 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
98 of 169
Semtech
www.semtech.com
4.20.10 Default GSPI Operation
By default at power up or after a device reset, the GS3470 is set for Loop-Through
Operation and the internal DEVICE_UNIT_ADDRESS field of the device is set to 0.
Figure 4-65 shows a functional block diagram of the Configuration and Status Register
(CSR) map in the GS3470 for non-extended memory accesses (EMEM = 0).
Figure 4-65: Internal Register Map Functional Block Diagram
The steps required for the application host processor to write to the Configuration and
Status Registers via the GSPI, are as follows:
1. Set Command Word for write access (R/W = 0) to the local registers 0h to 80h; set
Auto Increment; set the Unit Address field in the Command Word to match the
configured DEVICE_UNIT_ADDRESS which will be zero. Write the Command
Word.
2. Write the Data Word to be written to the first register.
3. Write the Data Word to be written to the next register in Auto Increment mode, etc.
Read access is the same as the above with the exception of step 1, where the Command
Word is set for read access (R/W = 1).
Note: The UNIT ADDRESS field of the Command Word must always match
DEVICE_UNIT_ADDRESS for an access to be accepted by the device. Changing
DEVICE_UNIT_ADDRESS to a value other than 0 is only required if multiple devices are
connected to a single chip select (in Loop-Through or Bus-Through configuration.)
[12]
[6:0]
Reg 0
Compare
Configuration and Status Registers
Read/Write
Reg 1
Reg 128
CMD
At power-up or after a device reset, DEVICE_UNIT_ADDRESS = 00
Data to be written / Read Data
DATA
[15:0]
[11:7]
[13]
[14]
bits
Local Address
R / W
Unit Address
BCAST
ALL
Auto
Inc
EMEM
[15]
DEVICE_UNIT_ADDRESS
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH
_ENABLE
RESERVED
bits
[4:0]
[13]
[14]
[15]
32 devices
128 registers
bits
RESERVED
[12:5]
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com