Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 102 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 102 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 98Page - Semtech Corporation GS3470 Datasheet HTML 99Page - Semtech Corporation GS3470 Datasheet HTML 100Page - Semtech Corporation GS3470 Datasheet HTML 101Page - Semtech Corporation GS3470 Datasheet HTML 102Page - Semtech Corporation GS3470 Datasheet HTML 103Page - Semtech Corporation GS3470 Datasheet HTML 104Page - Semtech Corporation GS3470 Datasheet HTML 105Page - Semtech Corporation GS3470 Datasheet HTML 106Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
102 of 169
Semtech
www.semtech.com
Clock Generation
874
CLK_GEN
Phase Detection Control
875
PD_CTRL
PIN/CSR Selector
877
PIN_CSR_ SELECT
IO Drive Strength
878
IO_DRIVE_ STRENGTH
Output Buffer Control
87B
OUTPUT_ BUFFER_ CTRL_1
87C
OUTPUT_ BUFFER_ CTRL_2
16 Line Horizontal Count
87D
H_16LINE_ COUNT_DS1
87F
H_16LINE_ COUNT_DS2
M Detection Tolerance
87E
M_DETECTION _TOLERANCE _DS1
880
M_DETECTION _TOLERANCE _DS2
Analog Path Control
882
XPOINT_PD
Analog Mute Control
883
DDO_MUTE_ CTRL
Analog Test Control
884
DDO_CTRL
General Status
8CB
GENERAL_ STATUS
Raster Information
8CF to 8D2
RASTER_ STRUC_1_DS2 to
RASTER_ STRUC_4_DS2
General Control
8D3
GENERAL_ CONTROL
Power Down Path Select
989
PD_IB_HS_ PATH_SEL
Table 5-3: HD and 3G Audio Core Registers
Function
GSPI
Addressh
Register Name
Audio Configuration
A01
CFG_AUD
A02
CFG_AUD1
Audio Channel Status Detection
A03
ACS_DET
Audio Detection
A04
AUD_DET1
A05
AUD_DET2
Table 5-2: Video Core Registers (Continued)
Function
GSPI
Addressh
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com