Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 6Page - Semtech Corporation GS3470 Datasheet HTML 7Page - Semtech Corporation GS3470 Datasheet HTML 8Page - Semtech Corporation GS3470 Datasheet HTML 9Page - Semtech Corporation GS3470 Datasheet HTML 10Page - Semtech Corporation GS3470 Datasheet HTML 11Page - Semtech Corporation GS3470 Datasheet HTML 12Page - Semtech Corporation GS3470 Datasheet HTML 13Page - Semtech Corporation GS3470 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
10 of 169
Semtech
www.semtech.com
G8
SCLK
Digital Input
Serial Data Clock input. Burst-mode clock input for the Gennum
Serial Peripheral Interface (GSPI) host control/status port. When GSPI
is not used, SCLK should be tied HIGH or LOW to minimize noise.
H1, H2
NC
—
No connect. Pins are not connected internally.
H3
JTAG_EN/DIS
Digital Input,
Internal
Pull-down
JTAG interface reset. Digital active-high to enable JTAG
communications.
When HIGH, JTAG operational mode is enabled.
When LOW, JTAG operational mode is disabled.
H4
WCLK
Output
48kHz word clock for audio. When not used, leave unconnected.
H5
RESET
Digital Input,
Internal Pull-up
Device reset signal.
When LOW, the device will be set to default conditions.
H6
BIT20/BIT10
Digital Input,
Internal Pull-up
Control signal input.
Used to select the output bus width.
HIGH = 20-bit, LOW = 10-bit.
Please refer to the Input Logic parameters in Table 2-3: DC Electrical
Characteristics for logic level threshold and compatibility.
H7
CS
Digital Input
Chip Select input for the Gennum Serial Peripheral Interface (GSPI)
host control/status port. Active-low input. When GSPI is not used,
connect CS to IO_VDD.
J1, J2
DDO_VDD
Power
Power pin for the serial digital output 50Ω buffer. Connect to 1.2V or
1.8V DC analog.
J3
PWR_DWN
Digital Input,
Internal
Pull-down
When HIGH, places the device in a power-down state.
J4,
K4,
J6,
K6
AOUT_1_2,
AOUT_3_4,
AOUT_5_6,
AOUT_7_8
Output
Serial Audio Outputs. When not in use, leave unconnected.
J5
ACLK
Output
64fs sample clock for audio. When not in use, leave unconnected.
K1, K2
DDO, DDO
Digital Output
Differential serial digital outputs. It is possible to DC-couple to
downstream Semtech devices supporting 2.5V inputs. When not in
use, leave unconnected.
K3
AUDIO_EN/DIS
Digital Input,
Internal Pull-up
Control signal input.
When HIGH, enables audio extraction. When LOW, disables audio
extraction.
Please refer to the Input Logic parameters in Table 2-3: DC Electrical
Characteristics for logic level threshold and compatibility.
K5
AMCLK
Output
Oversampled master clock for audio (128fs, 256fs, 512fs selectable).
When not in use, leave unconnected.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com