Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 13Page - Semtech Corporation GS3470 Datasheet HTML 14Page - Semtech Corporation GS3470 Datasheet HTML 15Page - Semtech Corporation GS3470 Datasheet HTML 16Page - Semtech Corporation GS3470 Datasheet HTML 17Page - Semtech Corporation GS3470 Datasheet HTML 18Page - Semtech Corporation GS3470 Datasheet HTML 19Page - Semtech Corporation GS3470 Datasheet HTML 20Page - Semtech Corporation GS3470 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
17 of 169
Semtech
www.semtech.com
Output Data Rise/Fall Time (2.5V)
tr/tf
6pF Cload
STAT
—
—
2.1
ns
—
DOUT
—
—
2.1
ns
—
AUDIO
—
—
2.2
ns
—
Serial Digital Input
Serial Input Data Rate
DRSDI
—
0.27
—
2.97
Gb/s
—
Serial Input Swing
ΔVDDI
Differential with
100
 load
200
400
1000
mVppd
—
Serial Input Jitter Tolerance
SIJT
Nominal loop
bandwidth
Square wave mod.
0.8
—
—
UI
—
Serial Digital Output
Serial Output Data Rate
DRDDO
—
0.27
—
2.97
Gb/s
—
Serial Output Swing
ΔVDDO
Differential with
100Ω load
200
400
1000
mVppd
2
Serial Output Rise Time
20% ~ 80%
trDDO
—
—
112
135
ps
—
Serial Output Fall Time
20% ~ 80%
tfDDO
—
—
114
135
ps
—
Rise/ Fall Mismatch
—
—
2
8
ps
—
Serial Output Intrinsic Jitter
tOJ
3G PRBS
0.05
0.06
0.08
UI
3
HD PRBS
0.03
0.04
0.05
UI
3
SD PRBS
0.01
0.02
0.03
UI
3
Serial Output Duty Cycle
Distortion
DCDSDD
3G
3
5
10
ps
—
HD
1
5
7
ps
—
SD
1
2
5
ps
—
Asynchronous Lock Time
—
—
—
—
750
s—
Lock Time from Power-up
—
After 20 minutes
at -20°C
—
725
—
ms
—
Notes:
1. Serial output swing limited when using DDO_VDD = 1.2V
2. Serial output swing can be adjusted through GSPI.
3. Retiming enabled.
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com