Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 68Page - Semtech Corporation GS3470 Datasheet HTML 69Page - Semtech Corporation GS3470 Datasheet HTML 70Page - Semtech Corporation GS3470 Datasheet HTML 71Page - Semtech Corporation GS3470 Datasheet HTML 72Page - Semtech Corporation GS3470 Datasheet HTML 73Page - Semtech Corporation GS3470 Datasheet HTML 74Page - Semtech Corporation GS3470 Datasheet HTML 75Page - Semtech Corporation GS3470 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
72 of 169
Semtech
www.semtech.com
To extract packets from the Chroma/Data Stream 2 channel only, the HD_ANC_C2 bit
of the host interface must be set HIGH. To extract packets from both Luma/Data Stream
1 and Chroma/Data Stream 2 video data, the HD_ANC_Y1_C2 bit must be set HIGH (the
setting of the HD_ANC_C2 bit is ignored).
The default setting of both the HD_ANC_C2 and HD_ANC_Y1_C2 is LOW. The setting
of these bits is ignored when the device is configured for SD video standards.
After extraction, the ancillary data may be deleted from the video stream by setting the
ANC_DATA_DEL bit of the host interface HIGH. When set HIGH, all existing ancillary
data is removed and replaced with blanking values. If any of the
ANC_TYPE_[5:1]_DS[2:1] registers are programmed with a DID and/or DID and SDID,
only the ancillary data packets with the matching IDs are deleted from the video stream.
Ancillary data packet extraction and deletion is disabled when the IOPROC_EN bit is set
LOW.
Note 2: After the ancillary data determined by the ANC_TYPE_[5:1]_DS[2:1] registers
has been deleted, other existing ancillary data may not be contiguous. The device does
not concatenate the remaining ancillary data.
Note 3: Reading extracted ancillary data from the host interface must be performed
while there is a valid video signal present at the serial input and the device is locked
(LOCKED signal is HIGH).
The value of the active write pointer is written to a host interface accessible register
once per line, or at the end of the VANC period.
This allows a software only ANC data extraction application, which is only interfaced to
the device via the host interface, and does not have access to the Y/1ANC and C/2ANC
output flags, to determine when ANC data has been detected by the device.
4.19 Audio De-Embedder
Up to eight channels of audio may be extracted from the received serial digital video
stream. The output signal formats supported by the device include AES/EBU, I2S
(default), and industry standard serial digital formats.
16, 20, and 24-bit audio bit depths are supported for 48kHz synchronous audio for SD
data rates. For HD and 3G data rates, 16, 20, and 24-bit audio bit depths are supported
for 48kHz audio. The audio may be synchronous or asynchronous to the video.
In 3G mode:
•
In Level A mode, all Audio Control Packets are extracted from Data Stream 1 and all
Audio Data Packets are extracted from Data Stream 2, in accordance with SMPTE ST
425. This is similar to HD, in which Audio Control Packets are embedded in the
Luma channel and Audio Data Packets in the Chroma channel
•
In Level B mode, extraction of audio packets from Link A (default) or Link B is
selectable via the AUDIO_SEL_DS2_DS1 bit in the host interface.
Additional audio processing features include audio mute on loss of lock, de-embed and
delete, group selection, audio output re-mapping, ECC error detection and correction
(HD/3G modes only), and audio channel status extraction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com