Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3470 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 20Page - Semtech Corporation GS3470 Datasheet HTML 21Page - Semtech Corporation GS3470 Datasheet HTML 22Page - Semtech Corporation GS3470 Datasheet HTML 23Page - Semtech Corporation GS3470 Datasheet HTML 24Page - Semtech Corporation GS3470 Datasheet HTML 25Page - Semtech Corporation GS3470 Datasheet HTML 26Page - Semtech Corporation GS3470 Datasheet HTML 27Page - Semtech Corporation GS3470 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
24 of 169
Semtech
www.semtech.com
4.2.2 Device Reset
Note: On power-up, the device must be reset to operate correctly.
In order to initialize all internal operating conditions to their default states, hold the
RESET signal LOW for a minimum of treset = 1ms after all power supplies are stable. There
are no requirements for power supply sequencing.
When held in reset, all device outputs are driven to a high-impedance state, with the
exception of SDOUT. SDOUT continues normal operation during reset.
GSPI access is restored 10 clock cycles after RESET is de-asserted.
All output buffers (including the PCLK output), are set to high-impedance in Reset mode
(RESET = LOW).
Figure 4-3: Reset Pulse
4.3 Modes of Operation
4.3.1 Auto and Manual Mode
The lock detection algorithm is a continuous process, beginning at device power-up or
after a system reset. It continues until the device is powered down or held in reset.
The device first determines if a valid serial digital input signal has been presented to the
device. If no valid serial data stream has been detected, the serial data into the device is
considered invalid, and the LOCKED signal is LOW.
Once a valid input signal has been detected, the device attempts to detect the presence
of either TRS words or DVB-ASI sync words.
By default, the device powers up in Auto mode (the AUTO_MAN bit in the host interface
is set HIGH). In this mode, the device operating frequency toggles between 3G, HD, and
SD rates as it attempts to lock to the incoming data rate. As it searches through rates,
PCLK output cycles through 148.5MHz, 74.25MHz, 27MHz, and 13.5MHz. The PCLK
output pin can be set to be high-impedance when not locked through GSPI.
When the device is operating in Manual mode (AUTO_MAN bit in the host interface
register is LOW), the operating frequency needs to be set through the RATE_SEL_TOP
bits in the host interface. RATE_SEL_TOP[0] = SD/HD and RATE_SEL_TOP[1] = 3G/HD.
Note: The SD/HD bit takes precedence over the 3G/HD bit, so if the SD/HD bit is HIGH,
the 3G/HD bit is ignored.
Supply Voltage
RESET
treset
95% of Nominal Level
Nominal Level
Reset
Reset
treset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com