Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp HD64F2145 Datasheet HTML 346Page - Renesas Technology Corp HD64F2145 Datasheet HTML 347Page - Renesas Technology Corp HD64F2145 Datasheet HTML 348Page - Renesas Technology Corp HD64F2145 Datasheet HTML 349Page - Renesas Technology Corp HD64F2145 Datasheet HTML 350Page - Renesas Technology Corp HD64F2145 Datasheet HTML 351Page - Renesas Technology Corp HD64F2145 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 829 page
background image
Rev. 2.0, 08/02, page 308 of 788
Bit
Bit Name
Initial Value
R/W
Description
2PREQF
0
R/(W)*
1
Pre-Equalization Flag
Detects the occurrence of an IHI signal 2fH
modification condition. The generation of a
falling/rising edge in the IHI signal during a mask
interval is expressed as the occurrence of a 2fH
modification condition. For details, see section 13.4.4,
2fH Modification of IHI Signal.
[Clearing condition]
When 0 is written in PREQF after reading PREQF = 1
[Setting condition]
When an IHI signal 2fH modification condition is
detected
1
IHI
Undefined*
2
R
IHI Signal Level
Indicates the current level of the IHI signal. Signal
source and phase inversion selection for the IHI signal
depends on the contents of TCONRI. Read this bit to
determine whether the input signal is positive or
negative, then maintain the IHI signal at positive phase
by modifying TCONRI.
0: The IHI signal is low
1: The IHI signal is high
0
IVI
Undefined*
2
R
IVI Signal Level
Indicates the current level of the IVI signal. Signal
source and phase inversion selection for the IVI signal
depends on the contents of TCONRI. Read this bit to
determine whether the input signal is positive or
negative, then maintain the IVI signal at positive phase
by modifying TCONRI.
0: The IVI signal is low
1: The IVI signal is high
Notes: 1. Only 0 can be written, to clear the flag.
2. The initial value is undefined since it depends on the pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com