| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 829 page ![]() Rev. 2.0, 08/02, page xxx of xxxviii Figure 23.12 Erase/Erase-Verify Flowchart................................................................................601 Figure 23.13 Memory Map in Programmer Mode ......................................................................604 Section 24 Masked ROM Figure 24.1 Block Diagram of 128-Kbyte Masked ROM (HD6432161BV) ..............................607 Figure 24.2 Block Diagram of 64-Kbyte Masked ROM (HD6432160BV) ................................607 Section 25 Clock Pulse Generator Figure 25.1 Block Diagram of Clock Pulse Generator................................................................609 Figure 25.2 Typical Connection to Crystal Resonator ................................................................610 Figure 25.3 Equivalent Circuit of Crystal Resonator ..................................................................610 Figure 25.4 Example of External Clock Input ............................................................................611 Figure 25.5 External Clock Input Timing ...................................................................................612 Figure 25.6 Timing of External Clock Output Stabilization Delay Time ...................................613 Figure 25.7 Subclock Input Timing ............................................................................................ 614 Figure 25.8 Processing for X1 and X2 Pins ................................................................................615 Figure 25.9 Note on Board Design of Oscillator Circuit Section................................................616 Section 26 Power-Down Modes Figure 26.1 Mode Transition Diagram........................................................................................623 Figure 26.2 Medium-Speed Mode Timing..................................................................................626 Figure 26.3 Application Example in Software Standby Mode....................................................628 Figure 26.4 Hardware Standby Mode Timing.............................................................................629 Section 28 Electrical Characteristics Figure 28.1 Darlington Pair Drive Circuit (Example).................................................................684 Figure 28.2 LED Drive Circuit (Example)..................................................................................685 Figure 28.3 Output Load Circuit .................................................................................................686 Figure 28.4 Connection of VCL Capacitor .................................................................................698 Figure 28.5 Connection of VCL Capacitor .................................................................................736 Figure 28.6 System Clock Timing ..............................................................................................736 Figure 28.7 Oscillation Settling Timing......................................................................................737 Figure 28.8 Oscillation Setting Timing (Exiting Software Standby Mode)................................737 Figure 28.9 Reset Input Timing ..................................................................................................738 Figure 28.10 Interrupt Input Timing ...........................................................................................738 Figure 28.11 Basic Bus Timing (Two-State Access) ..................................................................739 Figure 28.12 Basic Bus Timing (Three-State Access) ................................................................740 Figure 28.13 Basic Bus Timing (Three-State Access with One Wait State)...............................741 Figure 28.14 Burst ROM Access Timing (Two-State Access) ...................................................742 Figure 28.15 Burst ROM Access Timing (One-State Access) ....................................................742 Figure 28.16 I/O Port Input/Output Timing ................................................................................743 Figure 28.17 FRT Input/Output Timing......................................................................................743 Figure 28.18 FRT Clock Input Timing .......................................................................................744 Figure 28.19 8-Bit Timer Output Timing....................................................................................744 Figure 28.20 8-Bit Timer Clock Input Timing............................................................................744 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |