| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 64 Page - Renesas Technology Corp |
|
64 / 829 page ![]() Rev. 2.0, 08/02, page 24 of 788 Pin No. Type Symbol FP-100B, TFP-100B TFP-144 I/O Name and Function P17 to P10 72 to 79 104 to 110, 112 Input/ Output Eight input/output pins. P27 to P20 60 to 67 96 to 103 Input/ Output Eight input/output pins. P37 to P30 89 to 82 128 to 121 Input/ Output Eight input/output pins. P47 to P40 56 to 49 6 to 2, 138 to 136 Input/ Output Eight input/output pins. (The output type of P42 is NMOS push- pull.) P52 to P50 12 to 14 14 to 16 Input/ Output Three input/output pins. (The output type of P52 is NMOS push- pull.) P67 to P60 35 to 32 29 to 26 85 to 78 Input/ Output Eight input/output pins. P77 to P70 45 to 38 75 to 68 Input Eight input pins. P86 to P80 99 to 93 135 to 129 Input/ Output Seven input/output pins. (The output type of P86 is NMOS push- pull.) P97 to P90 16 to 19 22 to 25 17 to 24 Input/ Output Eight input/output pins. (The output type of P97 is NMOS push- pull.) PA7 to PA0 10, 11, 20, 21, 30, 31, 47, 48 33 to 35, 37 to 41 Input/ Output Eight input/output pins. PB7 to PB0 57, 58, 68, 69, 80, 81, 90, 91 113 to 120 Input/ Output Eight input/output pins. PC7 to PC0 — 87 to 94 Input/ Output Eight input/output pins. PD7 to PD0 — 59 to 66 Input/ Output Eight input/output pins. I/O ports PE7 to PE0 — 25 to 32 Input/ Output Eight input/output pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |