| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 829 page ![]() Rev. 2.0, 08/02, page xxv of xxxviii Section 10 14-Bit PWM Timer (PWMX) Figure 10.1 PWM (D/A) Block Diagram....................................................................................227 Figure 10.2 PWM D/A Operation ...............................................................................................2 34 Figure 10.3 Output Waveform (OS = 0, DADR corresponds to T L) ...........................................236 Figure 10.4 Output Waveform (OS = 1, DADR corresponds to T H) ...........................................237 Figure 10.5 D/A Data Register Configuration when CFS = 1 ....................................................237 Figure 10.6 Output Waveform when DADR = H’0207 (OS = 1) ...............................................238 Section 11 16-Bit Free-Running Timer (FRT) Figure 11.1 Block Diagram of 16-Bit Free-Running Timer........................................................242 Figure 11.2 Example of Pulse Output .........................................................................................253 Figure 11.3 Increment Timing with Internal Clock Source ........................................................253 Figure 11.4 Increment Timing with External Clock Source .......................................................254 Figure 11.5 Timing of Output Compare A Output......................................................................254 Figure 11.6 Clearing of FRC by Compare-Match A Signal........................................................255 Figure 11.7 Input Capture Input Signal Timing (Usual Case) ....................................................255 Figure 11.8 Input Capture Input Signal Timing (When ICRA to ICRD are Read) .....................256 Figure 11.9 Buffered Input Capture Timing ...............................................................................256 Figure 11.10 Buffered Input Capture Timing (BUFEA = 1).......................................................257 Figure 11.11 Timing of Input Capture Flag (ICFA, ICFB, ICFC, or ICFD) Setting ..................257 Figure 11.12 Timing of Output Compare Flag (OCFA or OCFB) Setting .................................258 Figure 11.13 Timing of Overflow Flag (OVF) Setting ...............................................................258 Figure 11.14 OCRA Automatic Addition Timing.......................................................................259 Figure 11.15 Timing of Input Capture Mask Signal Setting .......................................................259 Figure 11.16 Timing of Input Capture Mask Signal Clearing.....................................................260 Figure 11.17 FRC Write-Clear Conflict......................................................................................261 Figure 11.18 FRC Write-Increment Conflict ..............................................................................262 Figure 11.19 Conflict between OCR Write and Compare-Match (When Automatic Addition Function is Not Used)...............................................263 Figure 11.20 Conflict between OCRAR/OCRAF Write and Compare-Match (When Automatic Addition Function is Used)......................................................264 Section 12 8-Bit Timer (TMR) Figure 12.1 Block Diagram of 8-Bit Timers (TMR_0 and TMR_1)...........................................268 Figure 12.2 Block Diagram of 8-Bit Timers (TMR_Y and TMR_X).........................................269 Figure 12.3 Pulse Output Example .............................................................................................282 Figure 12.4 Count Timing for Internal Clock Input ....................................................................283 Figure 12.5 Count Timing for External Clock Input (Both Edges).............................................283 Figure 12.6 Timing of CMF Setting at Compare-Match.............................................................284 Figure 12.7 Timing of Toggled Timer Output by Compare-Match A Signal .............................284 Figure 12.8 Timing of Counter Clear by Compare-Match..........................................................285 Figure 12.9 Timing of Counter Clear by External Reset Input ...................................................285 Figure 12.10 Timing of OVF Flag Setting ..................................................................................286 Figure 12.11 Timing of Input Capture Operation .......................................................................288 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |