| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 829 page ![]() Rev. 2.0, 08/02, page xxvi of xxxviii Figure 12.12 Timing of Input Capture Signal (Input capture signal is input during TICRR and TICRF read)..............................288 Figure 12.13 Input Capture Signal Selection ..............................................................................289 Figure 12.14 Conflict between TCNT Write and Clear ..............................................................291 Figure 12.15 Conflict between TCNT Write and Increment.......................................................292 Figure 12.16 Conflict between TCOR Write and Compare-Match.............................................293 Section 13 Timer Connection Figure 13.1 Block Diagram of Timer Connection ......................................................................298 Figure 13.2 Timing Chart for PWM Decoding ...........................................................................310 Figure 13.3 Timing Chart for Clamp Waveform Generation (CL1 and CL2 Signals)................311 Figure 13.4 Timing Chart for Clamp Waveform Generation (CL3 Signal) ................................311 Figure 13.5 Timing Chart for Measurement of IVI Signal and IHI Signal Divided Waveform Periods....................................................................................................314 Figure 13.6 2fH Modification Timing Chart...............................................................................315 Figure 13.7 Fall Modification and IHI Synchronization Timing Chart.......................................317 Figure 13.8 IVG Signal/IHG Signal/CL4 Signal Timing Chart..................................................319 Figure 13.9 CBLANK Output Waveform Generation ................................................................322 Section 14 Watchdog Timer (WDT) Figure 14.1 Block Diagram of WDT ..........................................................................................326 Figure 14.2 Watchdog Timer Mode (RST/ 10, = 1) Operation .................................................333 Figure 14.3 Interval Timer Mode Operation ...............................................................................334 Figure 14.4 OVF Flag Set Timing .............................................................................................. 334 Figure 14.5 Output Timing of 5(62 signal................................................................................335 Figure 14.6 Writing to TCNT and TCSR (WDT_0) ...................................................................336 Figure 14.7 Conflict between TCNT Write and Increment.........................................................337 Figure 14.8 Sample Circuit for Resetting System by 5(62 Signal............................................338 Section 15 Serial Communication Interface (SCI and IrDA) Figure 15.1 Block Diagram of SCI .............................................................................................340 Figure 15.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits)...................................................357 Figure 15.3 Receive Data Sampling Timing in Asynchronous Mode.........................................359 Figure 15.4 Relation between Output Clock and Transmit Data Phase (Asynchronous Mode)..............................................................................................360 Figure 15.5 Sample SCI Initialization Flowchart........................................................................361 Figure 15.6 Example of SCI Transmit Operation in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) .....................................................362 Figure 15.7 Sample Serial Transmission Flowchart....................................................................363 Figure 15.8 Example of SCI Receive Operation in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) .....................................................364 Figure 15.9 Sample Serial Reception Flowchart (1) ...................................................................366 Figure 15.9 Sample Serial Reception Flowchart (2) ...................................................................367 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |