Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 41Page - Renesas Technology Corp HD64F2145 Datasheet HTML 42Page - Renesas Technology Corp HD64F2145 Datasheet HTML 43Page - Renesas Technology Corp HD64F2145 Datasheet HTML 44Page - Renesas Technology Corp HD64F2145 Datasheet HTML 45Page - Renesas Technology Corp HD64F2145 Datasheet HTML 46Page - Renesas Technology Corp HD64F2145 Datasheet HTML 47Page - Renesas Technology Corp HD64F2145 Datasheet HTML 48Page - Renesas Technology Corp HD64F2145 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 829 page
background image
Rev. 2.0, 08/02, page 5 of 788
1.3
Pin Arrangement and Functions
1.3.1
Pin Arrangement
FP-100B
TFP-100B
(Top view)
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56
P41/TMO0/RxD2/IrRxD
P40/TMCI0/TxD2/IrTxD
PA0/A16/CIN8/
PA1/A17/CIN9/
AVSS
P77/AN7/DA1
P76/AN6/DA0
P75/AN5
P74/AN4
P73/AN3
P72/AN2
P71/AN1
P70/AN0
AVCC
AVref
P67/TMOX/CIN7/
/
P66/FTOB/CIN6/
/
P65/FTID/CIN5/
P64/FTIC/CIN4/
/CLAMPO
PA2/A18/CIN10/
/PS2AC
PA3/A19/CIN11/
/PS2AD
P63/FTIB/CIN3/
/VFBACKI
P62/FTIA/CIN2/
/VSYNCI/TMIY
P61/FTOA/CIN1/
/VSYNCO
P60/FTCI/CIN0/
/HFBACKI/TMIX
P13/A3/PW3
P12/A2/PW2
P11/A1/PW1
P10/A0/PW0
PB3/D3/
*/
PB2/D2/
*/
P30/D8 /HDB0/LAD0*
P31/D9 /HDB1/LAD1*
P32/D10/HDB2/LAD2*
P33/D11/HDB3/LAD3*
P34/D12/HDB4/
*
P35/D13/HDB5/
*
P36/D14/HDB6/LCLK*
P37/D15/HDB7/SERIRQ*
PB1/D1/
*/HIRQ4/LSCI*
PB0/D0/
*/HIRQ3/
*
VSS
P80/HA0/
*
P81/
/GA20
P82/HIFSD/
*
P83/
*
P84/
/TxD1
P85/
/RxD1
P86/
/SCK1/SCL1
55 54 53 52 51
12345678
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Note:* The LPC function and the
pin function are not supported by the H8S/2148B.
Figure 1.3 Pin Arrangement of H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com