| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 829 page ![]() Rev. 2.0, 08/02, page xv of xxxviii 13.2 Input/Output Pins ..............................................................................................................299 13.3 Register Descriptions.........................................................................................................299 13.3.1 Timer Connection Register I (TCONRI)..............................................................300 13.3.2 Timer Connection Register O (TCONRO)...........................................................303 13.3.3 Timer Connection Register S (TCONRS) ............................................................305 13.3.4 Edge Sense Register (SEDGR) ............................................................................307 13.4 Operation ...........................................................................................................................309 13.4.1 PWM Decoding (PDC Signal Generation)...........................................................309 13.4.2 Clamp Waveform Generation (CL1/CL2/CL3 Signal Generation)......................310 13.4.3 Measurement of 8-Bit Timer Divided Waveform Period.....................................312 13.4.4 2fH Modification of IHI Signal............................................................................314 13.4.5 IVI Signal Fall Modification and IHI Synchronization ........................................316 13.4.6 Internal Synchronization Signal Generation (IHG/IVG/CL4 Signal Generation) ......................................................................317 13.4.7 HSYNCO Output .................................................................................................320 13.4.8 VSYNCO Output .................................................................................................321 13.4.9 CBLANK Output .................................................................................................322 13.5 Usage Note ........................................................................................................................323 13.5.1 Module Stop Mode Setting...................................................................................323 Section 14 Watchdog Timer (WDT) .................................................................325 14.1 Features .............................................................................................................................325 14.2 Input/Output Pins ..............................................................................................................327 14.3 Register Descriptions.........................................................................................................327 14.3.1 Timer Counter (TCNT) ........................................................................................327 14.3.2 Timer Control/Status Register (TCSR) ................................................................328 14.4 Operation ...........................................................................................................................332 14.4.1 Watchdog Timer Mode ........................................................................................332 14.4.2 Interval Timer Mode ............................................................................................334 14.4.3 5(62 Signal Output Timing................................................................................335 14.5 Interrupt Sources ...............................................................................................................335 14.6 Usage Notes.......................................................................................................................336 14.6.1 Notes on Register Access .....................................................................................336 14.6.2 Conflict between Timer Counter (TCNT) Write and Increment ..........................337 14.6.3 Changing Values of CKS2 to CKS0 Bits .............................................................337 14.6.4 Switching between Watchdog Timer Mode and Interval Timer Mode ................337 14.6.5 System Reset by 5(62 Signal.............................................................................338 14.6.6 Counter Values during Transitions between High-Speed, Sub-Active, and Watch Modes .................................................................................................338 Section 15 Serial Communication Interface (SCI and IrDA)............................339 15.1 Features .............................................................................................................................339 15.2 Input/Output Pins ..............................................................................................................341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |