Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 196Page - Renesas Technology Corp HD64F2145 Datasheet HTML 197Page - Renesas Technology Corp HD64F2145 Datasheet HTML 198Page - Renesas Technology Corp HD64F2145 Datasheet HTML 199Page - Renesas Technology Corp HD64F2145 Datasheet HTML 200Page - Renesas Technology Corp HD64F2145 Datasheet HTML 201Page - Renesas Technology Corp HD64F2145 Datasheet HTML 202Page - Renesas Technology Corp HD64F2145 Datasheet HTML 203Page - Renesas Technology Corp HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 829 page
background image
Rev. 2.0, 08/02, page 160 of 788
8.2
Port 1
Port 1 is an 8-bit I/O port. Port 1 pins also function as an address bus and PWM output pins. Port 1
functions change according to the operating mode. Port 1 has an on-chip input pull-up MOS
function that can be controlled by software. Port 1 has the following registers.
• Port 1 data direction register (P1DDR)
• Port 1 data register (P1DR)
• Port 1 pull-up MOS control register (P1PCR)
8.2.1
Port 1 Data Direction Register (P1DDR)
P1DDR specifies input or output for the pins of port 1 on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
0
P10DDR
0
W
In mode 1:
Each pin of port 1 is address output regardless of
the set value of P1DDR.
In modes 2 and 3 (EXPE=1):
The corresponding port 1 pins are address output or
PWM output ports when P1DDR bits are set to 1,
and input ports when cleared to 0.
In modes 2 and 3 (EXPE=0):
The corresponding port 1 pins are output ports or
PWM outputs when the P1DDR bits are set to 1,
and input ports when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com