Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 250Page - Renesas Technology Corp HD64F2145 Datasheet HTML 251Page - Renesas Technology Corp HD64F2145 Datasheet HTML 252Page - Renesas Technology Corp HD64F2145 Datasheet HTML 253Page - Renesas Technology Corp HD64F2145 Datasheet HTML 254Page - Renesas Technology Corp HD64F2145 Datasheet HTML 255Page - Renesas Technology Corp HD64F2145 Datasheet HTML 256Page - Renesas Technology Corp HD64F2145 Datasheet HTML 257Page - Renesas Technology Corp HD64F2145 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 829 page
background image
Rev. 2.0, 08/02, page 214 of 788
8.15.6
Input Pull-Up MOS in Ports E and F
Port E and port F have an on-chip input pull-up MOS function that can be controlled by software.
This input pull-up MOS function can be switched on or off on a bit-by-bit basis.
Table 8.10 is a summary of the input pull-up MOS states.
Table 8.10
Input Pull-Up MOS States (Port E and port F)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
Other
Operations
1, 2, 3
Off
Off
On/Off
On/Off
Legend
Off:
Input pull-up MOS is always off.
On/Off: On when PEDDR = 0 and PEODR = 1 (PFDDR = 0 and PFODR = 1); otherwise off.
8.16
Port G
Port G is an 8-bit I/O port. Port G pin functions are the same in all operating modes. The output
type of port G is NMOS open-drain.
• Port G data direction register (PGDDR)
• Port G output data register (PGODR)
• Port G input data register (PGPIN)
• Port G Nch-OD control register (PGNOCR)
8.16.1
Port G Data Direction Register (PGDDR)
PGDDR selects input or output for the pins of port G on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
PG7DDR
0
W
6
PG6DDR
0
W
5
PG5DDR
0
W
4
PG4DDR
0
W
3
PG3DDR
0
W
2
PG2DDR
0
W
1
PG1DDR
0
W
0
PG0DDR
0
W
0: Port G pin is an input pin
1: Port G pin is an output pin
PGDDR has the same address as PGPIN, and if
read, the port G pin states will be returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com