Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 25Page - Microchip Technology EMC1812 Datasheet HTML 26Page - Microchip Technology EMC1812 Datasheet HTML 27Page - Microchip Technology EMC1812 Datasheet HTML 28Page - Microchip Technology EMC1812 Datasheet HTML 29Page - Microchip Technology EMC1812 Datasheet HTML 30Page - Microchip Technology EMC1812 Datasheet HTML 31Page - Microchip Technology EMC1812 Datasheet HTML 32Page - Microchip Technology EMC1812 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
3.
Read ROC Status register: For the first conversion, the ROC Status register (3Fh) reads 00h. Note
that the initial slope of the sample period is determined using the first and second samples of the
sample period.
4.
Stabilize ambient temperature of device to +35°C.
5.
Initiate One-Shot conversion: Write a value of FFh in register 0Fh.
6.
Read ROC Status register: For the second conversion the ROC Status register (3Fh) should read
00h. Again, the initial slope of the sample period is determined using the first and second samples
of the sample period.
7.
Stabilize ambient temperature of device to 30°C.
8.
Initiate One-Shot conversion: Write a value of FFh in register 0Fh.
9.
Read ROC Status register: For the third conversion, the ROC Status register (3Fh) reads F0h. The
initial slope of the sample period is positive, going from +25°C to +35°C. A change in temperature
from 35°C to 30°C causes a slope change, the number of slope changes is now 1 (odd). See ROC
Status register (3Fh) bit descriptions for more clarification.
10. Stabilize ambient temperature of device to 45°C.
11. Initiate One-Shot conversion: Write a value of FFh in register 0Fh.
12. Read ROC Status register: For the fourth conversion the ROC Status register (3Fh) should read
C0h. The previous slope was negative, going from +35°C to +30°C. A change in temperature from
+30°C to +45°C causes a slope change, the number of slope changes is now two (even).
13. Stabilize ambient temperature of device to +35°C.
14. Initiate One-Shot conversion: Write a value of FFh in register 0Fh.
15. Read ROC Status register: For the fifth conversion the ROC Status register (3Fh) should read FCh.
The previous slope was positive, going from +30°C to +45°C. A change in temperature from +45°C
to +35°C causes a slope change, the number of slope changes is now three (odd). Once the final
conversion of the sample period is completed, the ROC result is calculated using the equation
below and compared to the ROC HB/LB Limit registers. In this scenario, the ROC limit was
exceeded and the appropriate bits were set in the ROC Status register.
16. Read ROC Result HB/LB ROC Result register: Once the final conversion of the sample period is
completed, the ROC result is calculated using the following equation. This value is loaded into the
ROC HB/LB result register. Based on the equation, the result is 5:
ROCResults= 35−25��2
4 =5:
The ROCx high byte and low byte are in 9-bit signed two's complement format. The MSB of the low
byte is the LSB of the corresponding high byte. For this example the ROC HB and LB would be as
follows:
Table 5-10. ROC1,2/3 High-Byte (40h, 44h)
Sign
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
Table 5-11. ROC Low-Byte (45h)
LSB
2
1
0
LSB
3
2
1
HB2
—
—
—
HB1
—
—
—
1
0
0
0
1
0 (Note)
0 (Note)
0 (Note)
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com