Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 10Page - Microchip Technology EMC1812 Datasheet HTML 11Page - Microchip Technology EMC1812 Datasheet HTML 12Page - Microchip Technology EMC1812 Datasheet HTML 13Page - Microchip Technology EMC1812 Datasheet HTML 14Page - Microchip Technology EMC1812 Datasheet HTML 15Page - Microchip Technology EMC1812 Datasheet HTML 16Page - Microchip Technology EMC1812 Datasheet HTML 17Page - Microchip Technology EMC1812 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
4.
Detailed Description
The EMC1812/13/14/15/33 devices monitor one internal diode and up to four externally-connected
temperature diodes.
Thermal management is performed in cooperation with a host device. This consists of the host reading
the temperature data of both the external and internal temperature diodes of the EMC1812/13/14/15/33
and using that data to manage thermal events or to control the speed of one or more fans.
This device family introduces rate of change temperature measurement with associated alerts. This
provides a preemptive system alert and another protective measurement layer to catch and manage
variable system temperatures. Resistance Error Correction automatically eliminates the temperature error
caused by series resistance. This feature allows for routing long traces and off-board connections with
wires, if desired. Automatic beta compensation eliminates the need for substrate diode and transistor
configurations.
The EMC1812/13/14/15/33 family has two levels of monitoring. The first provides a maskable ALERT
signal to the host when the measured temperatures exceed user programmable limits. This allows the
EMC1812/13/14/15/33 to be used as an independent thermal watchdog to warn the host of temperature
hot spots without direct control by the host. The second level of monitoring provides a nonmaskable
interrupt on the THERM pin if the measured temperatures meet or exceed a second programmable limit.
The EMC1812 is a single-channel remote temperature sensor, while the EMC1813 is a dual-channel
remote temperature sensor. The remote channels for this selection of devices can support substrate
diodes, discrete diode connected transistors, or CPU/GPU thermal diodes.
The EMC1814 supports anti-parallel diode (APD) only on one channel. For the channel that does not
support APD functionality, substrate diodes, discrete diode-connected transistors or CPU/GPU thermal
diodes are supported. For the channel that supports APD, only discrete diode connected transistors may
be implemented. However, if APD is disabled on the EMC1814, then the channel that supports APD will
be functional with substrate diodes, discrete diode connected transistors and CPU/GPU thermal diodes.
The EMC1815 and EMC1833 support APD on all channels. When APD is enabled, the channels support
only diode connected transistors. If APD is disabled, then the channels will support substrate transistors,
discrete diode connected transistors and CPU/GPU thermal diodes.
Note:  Disabling APD functionality to implement substrate diodes on devices that support APD eliminates
the benefit of APD (two diodes on one channel).
Multi-Channel Low-Voltage Remote Di...
Detailed Description
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com