Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1812 Datasheet HTML 1Page - Microchip Technology EMC1812 Datasheet HTML 2Page - Microchip Technology EMC1812 Datasheet HTML 3Page - Microchip Technology EMC1812 Datasheet HTML 4Page - Microchip Technology EMC1812 Datasheet HTML 5Page - Microchip Technology EMC1812 Datasheet HTML 6Page - Microchip Technology EMC1812 Datasheet HTML 7Page - Microchip Technology EMC1812 Datasheet HTML 8Page - Microchip Technology EMC1812 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
Multi-Channel Low-Voltage
Remote Diode Sensor Family
EMC1812/13/14/15/33 Data Sheet
Features
Measures Temperature Rate of Change Calculation with Preemptive Alert(s) Limits
Up to Four External Temperature Monitors:
8 Lead Devices: ±1°C maximum accuracy (-20°C to +105°C TA, -40°C to +125°C TD)
±1.5°C maximum accuracy (-40°C to +125°C TA, -40°C to +125°C TD)
10 Lead Devices:±1°C maximum accuracy (-20°C to +125°C TA, -40°C to +125°C TD)
±1.5°C maximum accuracy (-40°C to +125°C TA, -40°C to +125°C TD)
Internal Temperature Sensor:
±1°C maximum accuracy, -40°C to +125°C
Temperature Sensor Resolution (Internal/External): 0.125°C
SMBus/I2C-Compatible Interface (up to 400 kHz)
Programmable or fixed address options
Configurable Alert Pins
Operating Voltage: 1.62V to 3.6V
Temperature Range: -40°C to +125°C
Other Features: Auto-Beta Compensation, Configurable Ideality Factor, Hottest Diode Compare,
Resistance Error Correction
Available in 8-Lead 2x2 mm WDFN and 10-Lead 2.5x2.0 mm VDFN Packages
Typical Applications
Temperature Sensitive Storage
Industrial
IoT for Low-System Voltage
Portable Electronics
Handheld Gaming
Computing
Food Storage
Description
The EMC1812/13/14/15/33 devices are high-accuracy, 2-wire (I2C) temperature sensors. The devices
monitor up to five temperature channels. Advanced features, such as Resistance Error Correction (REC),
Beta Compensation (to support CPU diodes requiring the BJT/Transistor model), and rate of temperature
change measurement combine to provide a robust solution for complex environmental monitoring
applications.
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 1


Similar Part No. - EMC1812

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1822 MICROCHIP-EMC1822 Datasheet
1Mb / 103P
Multi-Channel Low Voltage Temp Sensors with Shutdown
2018
EMC1822T-1E MICROCHIP-EMC1822T-1E Datasheet
1Mb / 103P
Multi-Channel Low Voltage Temp Sensors with Shutdown
2018
EMC1822T-1ERW MICROCHIP-EMC1822T-1ERW Datasheet
1Mb / 103P
Multi-Channel Low Voltage Temp Sensors with Shutdown
2018
EMC1822T-2E MICROCHIP-EMC1822T-2E Datasheet
1Mb / 103P
Multi-Channel Low Voltage Temp Sensors with Shutdown
2018
EMC1822T-2ERW MICROCHIP-EMC1822T-2ERW Datasheet
1Mb / 103P
Multi-Channel Low Voltage Temp Sensors with Shutdown
2018
More results

Similar Description - EMC1812

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD21013 ZMD-ZMD21013 Datasheet
538Kb / 2P
MUSic Low-Power Multi-Channel Sensor Interface Circuits
logo
Micronas
HAL1XY MICRONAS-HAL1XY_1 Datasheet
197Kb / 2P
Low-Cost Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY_1 Datasheet
477Kb / 2P
Low-Cost Hall-Effect Sensor Family
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
Maxim Integrated Produc...
MAX31730 MAXIM-MAX31730 Datasheet
871Kb / 48P
3-Channel Remote Temperature Sensor
Rev 2; 4/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com